Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4864 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4864
Description  300 mW Audio Power Amplifier with Shutdown Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4864 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4864 Datasheet HTML 1Page - National Semiconductor (TI) LM4864 Datasheet HTML 2Page - National Semiconductor (TI) LM4864 Datasheet HTML 3Page - National Semiconductor (TI) LM4864 Datasheet HTML 4Page - National Semiconductor (TI) LM4864 Datasheet HTML 5Page - National Semiconductor (TI) LM4864 Datasheet HTML 6Page - National Semiconductor (TI) LM4864 Datasheet HTML 7Page - National Semiconductor (TI) LM4864 Datasheet HTML 8Page - National Semiconductor (TI) LM4864 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics(Note 1) (Note 2) (Continued)
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX = (TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4864, TJMAX = 150˚C.
The typical junction-to-ambient thermal resistance, when board mounted, is 230˚C/W for package number MUA08A, 170˚C/W for package number M08A and is
107˚C/W for package number N08E.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 9: The MUA08BA package is thermally limited to 595 mW of power dissipation at room temperature. Refering to the Power Dissipation vs Output Power graph
in the Typical Performance Characteristics section, the power dissipation limitation for the package occurs at 300 mW of output power. This package limitation is
based on 25˚C ambient temperature and
θJA = 210˚C. For higher output power possibilities refer to the Power Dissipation Section.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com