Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4864 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4864
Description  300 mW Audio Power Amplifier with Shutdown Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4864 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4864 Datasheet HTML 1Page - National Semiconductor (TI) LM4864 Datasheet HTML 2Page - National Semiconductor (TI) LM4864 Datasheet HTML 3Page - National Semiconductor (TI) LM4864 Datasheet HTML 4Page - National Semiconductor (TI) LM4864 Datasheet HTML 5Page - National Semiconductor (TI) LM4864 Datasheet HTML 6Page - National Semiconductor (TI) LM4864 Datasheet HTML 7Page - National Semiconductor (TI) LM4864 Datasheet HTML 8Page - National Semiconductor (TI) LM4864 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
3500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering surface
mount devices.
Thermal Resistance
θ
JC (MSOP)
56˚ C/W
θ
JA (MSOP)
210˚C/W
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
170˚C/W
θ
JC (DIP)
37˚C/W
θ
JA (DIP)
107˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
Electrical Characteristics(Note 1) (Note 2)
The following specifications apply for V
DD = 5V, for all available packages, unless otherwise specified. Limits apply for TA =
25˚C
Symbol
Parameter
Conditions
LM4864
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
3.6
6.0
mA (max)
I
SD
Shutdown Current
V
PIN1 = VDD
0.7
5
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 1% (max); f = 1 kHz; R
L = 8Ω;
LM4864MM (Note 9)
300
mW (min)
THD = 1% (max); f = 1 kHz; R
L = 8Ω;
LM4864M and LM4864N
675
300
mW (min)
THD+N = 1%;f = 1 kHz; R
L = 16Ω;
LM4864MM, LM4864M and LM4864N
550
mW
THD+N
Total Harmonic Distortion+Noise
P
O = 300 mWrms; AVD = 2; RL = 8Ω;
20 Hz
≤ f ≤ 20 kHz
0.7
%
PSRR
Power Supply Rejection Ratio
V
DD = 4.9V– 5.1V
50
dB
Electrical Characteristics(Note 1) (Note 2)
The following specifications apply for V
DD = 3V, for all available packages, unless otherwise specified. Limits apply for TA =
25˚C
Symbol
Parameter
Conditions
LM4864
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
1.0
3.0
mA (max)
I
SD
Shutdown Current
V
PIN1 = VDD
0.3
2.0
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
mV
P
O
Output Power
THD = 1% (max); f = 1 kHz; R
L = 8Ω
200
mW
THD = 1% (max); f = 1 kHz; R
L = 16Ω
175
mW
THD+N
Total Harmonic Distortion+Noise
P
O = 100 mWrms; AVD = 2; RL = 8Ω;
20 Hz
≤ f ≤ 20 kHz, BW < 80 kHz
1.5
%
PSRR
Power Supply Rejection Ratio
V
DD = 2.9V– 3.1V
50
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com