Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4864 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4864
Description  300 mW Audio Power Amplifier with Shutdown Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4864 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4864 Datasheet HTML 1Page - National Semiconductor (TI) LM4864 Datasheet HTML 2Page - National Semiconductor (TI) LM4864 Datasheet HTML 3Page - National Semiconductor (TI) LM4864 Datasheet HTML 4Page - National Semiconductor (TI) LM4864 Datasheet HTML 5Page - National Semiconductor (TI) LM4864 Datasheet HTML 6Page - National Semiconductor (TI) LM4864 Datasheet HTML 7Page - National Semiconductor (TI) LM4864 Datasheet HTML 8Page - National Semiconductor (TI) LM4864 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM4864
300 mW Audio Power Amplifier with Shutdown Mode
General Description
The LM4864 is a bridged audio power amplifier capable of
delivering 300 mW of continuous average power into an 8
Ω
load with 1% (THD) from a 5V power supply.
Boomer® audio power amplifiers were designed specifically
to provide high quality output power from a low supply volt-
age while requiring a minimal amount of external compo-
nents. Since the LM4864 does not require output coupling
capacitors, bootstrap capacitors or snubber networks, it is
optimally suited for low-power portable applications.
The LM4864 features an externally controlled, low power
consumption shutdown mode, and thermal shutdown protec-
tion.
The closed loop response of the unity-gain stable LM4864,
can be configured by external gain-setting resistors. The de-
vice is available in multiple package types to suit various ap-
plications.
Key Specifications
n THD at 1 kHz at 300 mW continuous
average output power into 8
Ω
1.0% (max)
n THD at 1 kHz at 300 mW continuous
average output power into 16
Ω
1.0% (max)
n Shutdown current
0.7 µA (typ)
Features
n MSOP, SOP, and DIP packaging
n No output coupling capacitors, bootstrap capacitors, or
snubber circuits are necessary
n Thermal shutdown protection circuitry
n Unity-gain stable
n External gain configuration capability
Applications
n Cellular Phones
n Personal Computers
n General Purpose Audio
Typical Application
Connection Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
DS012607-1
FIGURE 1. Typical Audio Amplifier Application Circuit
MSOP, SOP, and DIP Package
DS012607-2
Top View
Order Number LM4864MM,
LM4864M or LM4864N
See NS Package Number MUA08A,
M08A or N08E
September 1999
© 1999 National Semiconductor Corporation
DS012607
www.national.com


Similar Part No. - LM4864

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4864 TI-LM4864 Datasheet
1Mb / 27P
LM4864 725mW Audio Power Amplifier with Shutdown Mode
LM4864M/NOPB TI1-LM4864M/NOPB Datasheet
1Mb / 24P
725mW Audio Power Amplifier with Shutdown Mode
LM4864M/NOPB TI-LM4864M/NOPB Datasheet
1Mb / 27P
LM4864 725mW Audio Power Amplifier with Shutdown Mode
LM4864MM TI1-LM4864MM Datasheet
1Mb / 24P
725mW Audio Power Amplifier with Shutdown Mode
LM4864MM TI-LM4864MM Datasheet
1Mb / 27P
LM4864 725mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4864

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
675 mW Audio Power Amplifier with Shutdown Mode
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
300-mW STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4862M TI-LM4862M Datasheet
939Kb / 18P
LM4862 675 mW Audio Power Amplifier with Shutdown
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
675 mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com