Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC3702G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULC3702G-S08-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC3702G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULC3702G-S08-R Datasheet HTML 1Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 2Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 3Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 4Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULC3702
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R104-010.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range (Note 1)
VDD
-0.3 ~ 18
V
Differential Input Voltage (Note 2)
VID
±18
V
Input Voltage Range
VI
-0.3 ~ VDD
V
Output Voltage Range
VO
-0.3 ~ VDD
V
Input Current
II
±5
mA
Output Current (Each Output)
IO
±20
mA
Total Supply Current into VDD
40
mA
Total Current Out of GND
40
mA
DIP-8
1000
mW
Power Dissipation
SOP-8
PD
725
mW
Lead Temperature 1,6 mm (1/16 Inch) from
Case for 10 Seconds
TL
260
°C
Operating Free-Air Temperature Range
TA
-40~85
°C
Storage Temperature Range
TSTG
-65~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages, are with respect to network ground.
3. Differential voltages are at IN+ with respect to IN-.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3
5
16
V
Common-Mode Input Voltage
VIC
-0.2
VDD-1.5
V
High-Level Output Current
IOH
-20
mA
Low-Level Output Current
IOL
20
mA
Operating Free-Air Temperature
TA
-40
85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com