Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC3702G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULC3702G-S08-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC3702G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULC3702G-S08-R Datasheet HTML 1Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 2Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 3Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 4Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ULC3702
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R104-010.a
ELECTRICAL CHARACTERISTICS
(specified operating free-air temperature, VDD=5V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
MAX
UNIT
TA=25°C
1.2
5
mV
Input Offset Voltage
VIO
VDD=5V~10V,
VIC=VICRmin, (Note 2)
TA=-40°C~85°C
7
mV
TA=25°C
1
pA
Input Offset Current
IIO
VIC=2.5V
TA=85°C
1
nA
TA=25°C
5
pA
Input Bias Current
IIB
VIC=2.5V
TA=85°C
2
nA
TA=25°C
0~VDD-1
V
Common Mode Input Voltage
Range
VICR
TA=-40°C~85°C 0~V
DD-1.5
V
TA=25°C
84
dB
TA=85°C
84
dB
Common-Mode Rejection
Ratio
CMRR
VIC=VICRmin
TA=-40°C
83
dB
TA=25°C
85
dB
TA=85°C
85
dB
Supply-Voltage Rejection
Ratio
kSVR
VDD=5V~10V
TA=-40°C
83
dB
TA=25°C
4.5
4.7
V
High Level Output Voltage
VOH
VID=1V, IOH=-4mA
TA=85°C
4.3
V
TA=25°C
210
300
mV
Low Level Output Voltage
VOL
VID=-1V, IOH=-4mA
TA=85°C
400
mV
TA=25°C
18
40
µA
Supply Current
(Both Comparators)
IDD
Outputs Low, No Load
TA=-40°C~85°C
65
µA
Notes: 1. All characteristics are measured with zero common-mode voltage unless otherwise noted.
2. The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to
0.3 V.
SWITCHING CHARACTERISTICS (V
DD=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overdrive=2mV
4.5
µs
Overdrive=5mV
2.7
µs
Overdrive=10mV
1.9
µs
Overdrive=20mV
1.4
µs
Propagation Delay Time,
Low-to-High-Level Output
(Note)
tPLH
f=10kHz, CL=50pF
Overdrive=40mV
1.1
µs
VI=1.4V Step at IN+
1.1
µs
Overdrive=2mV
4
µs
Overdrive=5mV
2.3
µs
Overdrive=10mV
1.5
µs
Overdrive=20mV
0.95
µs
f=10kHz, CL=50pF
Overdrive=40mV
0.65
µs
Propagation Delay Time,
High-to-Low-Level Output
(Note)
tPHL
VI=1.4V Step at IN+
0.15
µs
Fall Time
tf
f=10kHz, CL=50pF
Overdrive=50mV
50
ns
Rise Time
tr
f=10kHz, CL=50pF
Overdrive=50mV
125
ns
Note: Simultaneous switching of inputs causes degradation in output response.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com