Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC3702G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULC3702G-S08-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC3702G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULC3702G-S08-R Datasheet HTML 1Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 2Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 3Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 4Page - Unisonic Technologies ULC3702G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULC3702
Advance
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R104-010.a
DUAL MICROPOWER CMOS
VOLTAGE COMPARATORS
DESCRIPTION
The UTC ULC3702 consists of two independent micropower
voltage comparators designed to operate from a single supply and
be compatible with modern HCMOS logic systems. The push-pull
CMOS output stage drives capacitive loads directly without a
power-consuming pullup resistor to achieve the stated response
time. Eliminating the pullup resistor not only reduces power
dissipation, but also saves board space and component cost. The
output stage is also fully compatible with TTL requirements.
FEATURES
* Push-Pull CMOS Output Drives Capacitive Loads Without Pullup
Resistor, IO=± 8mA
* Very Low Power: 100µW (Typ.) at 5V
* Fast Response Time tPLH=2.7µs (Typ.) With 5-mV Overdrive
* Single-Supply Operation: 3V ~ 16V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULC3702L-D08-T
ULC3702G-D08-T
DIP-8
Tube
-
ULC3702G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - ULC3702G-S08-R

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ULC3304P10 SOCAY-ULC3304P10 Datasheet
372Kb / 4P
Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
ULC3304P10 LEIDITECH-ULC3304P10 Datasheet
420Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
UN Semiconducctor INC
ULC3304P6 UNSEMI-ULC3304P6 Datasheet
7Mb / 8P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
ULC3306MB LEIDITECH-ULC3306MB Datasheet
262Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
ULC3306P6 LEIDITECH-ULC3306P6 Datasheet
3Mb / 9P
Low Capacitance TVS Diode Array
More results

Similar Description - ULC3702G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com