Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULE4275L-TQ5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULE4275L-TQ5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULE4275L-TQ5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULE4275L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ULE4275
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-064.a
ABSOLUTE MAXIMUM RATING (over operating free-air temperature range (unless otherwise noted))
PARAMETER
SYMBOL
RATINGS
UNIT
IN
-42~45
V
Input Voltage Range
(Note 1)
DELAY
VI
-0.3~7
V
OUT
-1~16
V
Output Voltage
Range
RESET
VO
-0.3~25
V
Input Current
DELAY
II
±2
mA
Output Current
IO
±5
mA
Operating Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-65~150
°C
Human body model (HBM)
6000
V
Electrostatic
Discharge
Machine model (MM)
V(ESD)
400
V
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values are with respect to the network ground terminal.
RECOMMENDED OPERATING CONDITIONS
(over operating free-air temperature range (unless otherwise noted))
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Voltage
VI
5.5
42
V
Junction Temperature
TJ
-40
150
°C
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient Thermal Resistance
θJA
32.8
°C/W
Junction-to-Case
θJC
38
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com