Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULE4275L-TQ5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULE4275L-TQ5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULE4275L-TQ5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULE4275L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULE4275
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-064.a
5-V LOW-DROPOUT VOLTAGE
REGULATOR
DESCRIPTION
The UTC ULE4275 is a monolithic integrated low-dropout
voltage regulator. The device regulates an input voltage up to
45V to VOUT = 5V (typical). The device can drive loads up to
450mA.
It
also
provides
overcurrent
protection
and
overtemperature protection for control of the state of the output
voltage. The device generates a reset signal for an output
voltage, VOUT,rt, of 4.65V (typical). By the use of an external delay
capacitor, one can program the reset delay time.
The input capacitor, CIN, compensates for line fluctuation.
Using a resistor of approximately 1Ω in series with CIN dampens
the oscillation of input inductance and input capacitance. The
output capacitor, COUT, stabilizes the regulation circuit. The
specification for stability is at COUT ≥ 22μF and ESR ≤ 5Ω, within
the operating temperature range. Stability for electrolytic capacitors specifically is at COUT ≥ 68µF within the
operating temperature range.
The control amplifier compares a reference voltage to a voltage that is proportional to the output voltage and
drives the base of the series transistor through a buffer. Saturation control as a function of the load current prevents
any oversaturation of the power element. The device also incorporates a number of internal circuits for protection
against: overload, overtemperature, and reverse polarity.
FEATURES
* Qualified for Automotive Applications
* Output Voltage 5V ± 2%
* Very Low Current Consumption
* Power-On and Undervoltage Reset
* Reset Low-Level Output Voltage<1V
* Very Low Dropout Voltage
* Internal Short-Circuit Current Limiting
* Reverse-Polarity Proof
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULE4275L-TQ5-T
ULE4275G-TQ5-T
TO-263-5
Tube
ULE4275L-TQ5-R
ULE4275G-TQ5-R
TO-263-5
Tape Reel
(1) T: Tube, R: Tape Reel
(2) TQ5: TO-263-5
(3) L: Lead Free, G: Halogen Free and Lead Free
ULE4275L-TQ5-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - ULE4275L-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ULE-1.2/30-D48N-C MURATA-ULE-1.2/30-D48N-C Datasheet
506Kb / 23P
Isolated, High Density, Eighth-Brick
ULE-1.5/20-D24P-C MURATA-ULE-1.5/20-D24P-C Datasheet
506Kb / 23P
Isolated, High Density, Eighth-Brick
ULE-1.5/20-D48N-C MURATA-ULE-1.5/20-D48N-C Datasheet
506Kb / 23P
Isolated, High Density, Eighth-Brick
ULE-1.8/20-D24P-C MURATA-ULE-1.8/20-D24P-C Datasheet
506Kb / 23P
Isolated, High Density, Eighth-Brick
ULE-1.8/20-D48N-C MURATA-ULE-1.8/20-D48N-C Datasheet
506Kb / 23P
Isolated, High Density, Eighth-Brick
More results

Similar Description - ULE4275L-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com