Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULE4275L-TQ5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULE4275L-TQ5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULE4275L-TQ5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULE4275L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies ULE4275L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ULE4275
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-064.a
ELECTRICAL CHARACTERISTICS
(over recommended operating free-air temperature range, VI=13.5V, TJ=-40°C~150°C (unless otherwise noted) (see
Test Circuit))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO=5mA~400mA, VI=6V~28V
4.9
5
5.1
V
Output Voltage
VO
IO=5mA~200mA, VI=6V~40V
4.9
5
5.1
V
Output Current Limit
IO
350
700
950
mA
TJ=25°C
150
200
μA
IO=1mA
TJ≤85°C
150
220
μA
IO=250mA
7.5
18
mA
Current Consumption, Iq=II-IO
IQ
IO=400mA
12
22
mA
Dropout Voltage (Note)
VDO
IO=300mA, Vdo=VI-VO
250
500
mV
Load Regulation
IO=5mA~400mA
15
30
mV
Line Regulation
∆VI=8V~32V, IO=5mA
-15
5
15
mV
Power-Supply Ripple Rejection
PSRR
fr=100Hz, Vr=0.5Vpp
60
dB
Temperature Output-Voltage Drift
T
∆
V
∆ O
0.5
mV/K
RESET Switching Threshold
VO,rt
4.5
4.65
4.8
V
RESET Output Low Voltage
VROL
Rext≥5kΩ, VO>1V
0.2
0.4
V
RESET Output Leakage Current
IROH
VROH=5V
0
10
μA
RESET Charging Current
ID,c
VD=1V
3
5.5
9
μA
RESET Upper Timing Threshold
VDU
1.5
1.8
2.2
V
RESET Lower Timing Threshold
VDRL
0.2
0.4
0.7
V
Note: Measured when the output voltage VO has dropped 100 mV from the nominal value obtained at VI=13.5V.
SWITCHING CHARACTERISTICS
(over operating free-air temperature range (unless otherwise noted) (see Figure 1))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET Delay Time
trd
CD=47nF
10
16
22
ms
RESET Reaction Time
trr
CD=47nF
0.5
2
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com