Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82B3003 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 82B3003
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

82B3003 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 82B3003 Datasheet HTML 2Page - TE Connectivity Ltd 82B3003 Datasheet HTML 3Page - TE Connectivity Ltd 82B3003 Datasheet HTML 4Page - TE Connectivity Ltd 82B3003 Datasheet HTML 5Page - TE Connectivity Ltd 82B3003 Datasheet HTML 6Page - TE Connectivity Ltd 82B3003 Datasheet HTML 7Page - TE Connectivity Ltd 82B3003 Datasheet HTML 8Page - TE Connectivity Ltd 82B3003 Datasheet HTML 9Page - TE Connectivity Ltd 82B3003 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
408-6788
6 of 12
Rev L
Figure 7
2. Place the connector and cable inside the tool
locator, making sure that:
— the center conductor of center contact enters the
locator hole
— the connector is seated squarely on the locator
— if crimping a panel jack to the cable, the sides of
the panel jack should align with the tool jaws as
shown in Figure 9
3. Support the cable-and-connector assembly, and
squeeze the tool handles to complete the crimp as
shown in Figure 9.
6.2. For Connectors with Retractable Collars
Connectors with sliding coupling nuts (shown in Figure
10) require Special Die Set 312962-1 which is not
included in the kit and MUST be ordered separately.
Proceed as follows:
1. Slide the nut then the connector body, flange end
first, onto the cable.
2. Place the connector body and cable inside the
tool locator, making sure that the center conductor
enters the locator hole, and that the coupling nut is
positioned above the tool head.
Figure 8
Tool Setup
Die-Holding Hex Head
Screws (Captive)
Detail A
Detail B
Locator Locking
Screw (Ref)
Chamfer
Chamfer
Locator
(Typ)
Slip Cable in Locator
Between Dies. Tighten
Screws While Cable Holds
Dies in Proper Alignment
Center Conductor
of Connector Must
Enter Hole in
Locator
Crimping Connectors with Fixed Collars
(Except Right-Angle Connectors)
Connector with
Fixed Collar
Dies will Close Against
Cable and Connector to
Complete Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com