Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82B3003 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 82B3003
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

82B3003 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 82B3003 Datasheet HTML 4Page - TE Connectivity Ltd 82B3003 Datasheet HTML 5Page - TE Connectivity Ltd 82B3003 Datasheet HTML 6Page - TE Connectivity Ltd 82B3003 Datasheet HTML 7Page - TE Connectivity Ltd 82B3003 Datasheet HTML 8Page - TE Connectivity Ltd 82B3003 Datasheet HTML 9Page - TE Connectivity Ltd 82B3003 Datasheet HTML 10Page - TE Connectivity Ltd 82B3003 Datasheet HTML 11Page - TE Connectivity Ltd 82B3003 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
408-6788
9 of 12
Rev L
Figure 14
Figure 15
Figure 16
6. Place the assembly in a vise with a 69.85 mm
[2.75 in.] opening.
NOTE
Make sure that the shoulders of the conforming block
bear on the bottom surface of the tool holder BEFORE
applying pressure in the vise.
7. Tighten the vise to force the conforming block into
the slot. Continue to tighten until the legs of the tool
holder prevent further movement of the vise jaws.
8. Remove the assembly from the vise, and
unscrew the plug from the fixture.
9. Remove the conforming block and bend
segment.
8.3. To Make 1.57 mm [.062 in.] Bends on RG-405 Cable
It is recommended that a special kit be used to make
1.57 mm [.062 in.] bends on RG-405 cable. Kit
220224-2 includes a limiting pin, a 90° bend tool body
assembly, a 90° bend segment, and a conforming
block. The figures referenced for the 6.35 mm
[.250 in.] and 3.18 mm [.125 in.] bends will assist in
making the 1.57 mm [.062 in.] bends. These steps are
recommended:
1. Make the 3.18 mm [.125 in.] radial bend as
described in Paragraph 8.1, and remove the plug
from the tool holder.
2. Replace the 3.18 mm [.125 in.] bend segment
with the special 1.57 mm [.062 in.] bend segment,
which is a part of Kit 220224-2.
3. Re-attach the plug to the dummy jack of the tool
holder.
4. Place the special 1.57 mm [.062 in.] conforming
block over the cable with the tongue of the block in
the tool holder slot. The conforming block is part of
Kit 220224-2.
5. Insert the limiting pin and slide the block against
the tool holder.
6. Place the assembly in a vise with a 69.85 mm
[2.75 in.] opening.
7. Remove the assembly from the vise, and
unscrew the plug from the fixture.
8. Remove the assembly from the vise, and
unscrew the plug from the fixture.
9. Remove the special conforming block and special
bend segment.
9. MAINTENANCE AND INSPECTION
Hand Crimping Tool and Cable Preparation Kit
59981-1 is inspected before shipment. The tool and kit
should be inspected immediately upon arrival to
ensure that they have not been damaged during
shipment, and that they perform according to the
criteria described in this sheet. If the tool and kit are
damaged upon arrival, retain the shipping container,
file a claim with the carrier, and notify TE immediately.
Spacer Used
with SMA Plugs
Dummy Jack
Cable Bending
Bending RG-402 Cable to 6.35mm [.250 in.] Radius or
RG-405 Cable to 3.18mm [.125 in.] Radius
Bend Segment
Oriented Properly
Plugs Screwed
onto Tool Holder
Tool Holder
Apply Finger Pressure
Bending RG-402 Cable to 3.18 mm [.125 in.] Radius
Tool Holder
Tongue
Cable Previously
Formed to 6.35
[.250] Radius
Bend
3.18 [.125]
Radius Bend
Segment
Limiting Pin
Conforming
Block Shoulder
Legs of Tool Holder Prevent Further
Movement of Vise Against Conforming Block
NOTE
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com