Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82B3003 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 82B3003
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

82B3003 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 82B3003 Datasheet HTML 3Page - TE Connectivity Ltd 82B3003 Datasheet HTML 4Page - TE Connectivity Ltd 82B3003 Datasheet HTML 5Page - TE Connectivity Ltd 82B3003 Datasheet HTML 6Page - TE Connectivity Ltd 82B3003 Datasheet HTML 7Page - TE Connectivity Ltd 82B3003 Datasheet HTML 8Page - TE Connectivity Ltd 82B3003 Datasheet HTML 9Page - TE Connectivity Ltd 82B3003 Datasheet HTML 10Page - TE Connectivity Ltd 82B3003 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
408-6788
7 of 12
Rev L
3. Squeeze the tool handles to crimp the connector
body to the cable.
Figure 9
Figure 10
6.3. For Right-Angle Connectors
Right-angle connectors require Locator 312173-1
which is not included in the kit and MUST be ordered
separately. Proceed as follows:
1. Slide the connector, flange end first, over the
cable end as shown in Figure 11.
2. Place the connector and cable inside of the tool
locator, making sure that:
— the recessed area of the connector body sits
squarely on the locator knob
— the connector collar faces forward, as shown in
Figure 11
3. Support the cable and connector assembly, and
squeeze the tool handles together to complete the
crimp.
Figure 11
7. INTERNAL REFERENCE PLANES FOR CABLE
The dimensions shown in Figure 12 are from the
cable-bottoming surface or plane in the connector to
the mating reference plane.
8. CABLE BENDING
The 90° bending fixture assembly is used to make
precise right-angle bends on the cable near SMA
plugs as shown in Figure 13. Bends can have a radius
of 3.18mm [.125 in.] (on RG-402 or RG-405 cable),
6.35mm [.250 in.] (on RG-402 cable only), or 1.57mm
[.062 in.] (on RG-405 cable only).
The spacer shown in Figure 14 must be positioned
behind the dummy jack when bending:
— RG-402 cable to either 3.18mm [.125 in.] or
6.35mm [.250 in.] radii terminated onto plugs
with center contacts
— RG-405 cable to 1.57mm [.062 in.] or 3.18mm
[.125 in.] radii when terminated onto plugs with
center contacts except Short Plugs 221447-[ ].
For short plugs, a special spacer is required and
MUST be ordered separately from Special Kit
220224-2
Loosen the dummy jack to insert the spacer, and re-
tighten the jack before proceeding.
Sides of Panel Jack
Align with Dies as
Tool Jaws Close
Panel Jack
Crimping Connectors with Fixed Collars
Crimping Connectors with
Retractable Collars
Coupling Nut
(Retractable)
Connector
Body
Coupling Nut Positioned
Above Tool Head During
Crimping
Special Die
Set 312962-1
Chamfer
Cable
Crimping Right-Angle Connectors
Right-Angle
Connector
Connector Collar
Facing Forward
Locator
Knob
Collar
Crimped
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com