Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG183AP/883 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # DG183AP/883
Description  High-Speed Drivers with Dual DPST JFET Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG183AP/883 Datasheet(HTML) 8 Page - TEMIC Semiconductors

  DG183AP/883 Datasheet HTML 1Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 2Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 3Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 4Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 5Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 6Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 7Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DG183/184/185
8
Siliconix
S-52895—Rev. D, 16-Jun-97
Test Circuits
Feedthrough due to charge injection may result in spikes at the leading and trailing edge of the output waveform.
Figure 2.
Switching Time
Logic
Input
Switch
Output
tOFF
tON
tr <10 ns
tf <10 ns
90%
50%
0 V
3 V
0 V
0 V
90%
3 V
–3 V
tON: VS = 3 V
tOFF:VS = –3 V
V
OUT + VS x
R
L
R
L ) rDS(on)
–15 V
GND
IN
CL (includes fixture and stray capacitance)
V–
D1
VO1
S2
S1
D2
RL2
CL2
VO2
RL1
CL1
VS2
VS1
+15 V
V+
+5 V
VL
Application Hintsa
Switch
V+
Positive Supply
Voltage
(V)
V–
Negative
Supply Voltage
(V)
VL
Logic
Supply Voltage
(V)
VR
Reference
Supply Voltage
(V)
VIN
Logic Input Voltage
VINH(min)/VINL(max)
(V)
VS
Analog Voltage
Range
(V)
DG183
DG184
15b
10
12
–15
–20
–12
5
5
5
GND
GND
GND
2.0/0.8
2.0/0.8
2.0/0.8
–7.5 to 15
–12.5 to 10
–4.5 to 12
DG185
15b
10
12
–15
–20
–12
5
5
5
GND
GND
GND
2.0/0.8
2.0/0.8
2.0/0.8
–10 to 15
–15 to 10
–7 to 12
Notes:
a.
Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.
b.
Electrical Parameter Chart based on V+ = 15 V, VL = 5 V, VR = GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com