Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG183AP/883 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # DG183AP/883
Description  High-Speed Drivers with Dual DPST JFET Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG183AP/883 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  DG183AP/883 Datasheet HTML 1Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 2Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 3Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 4Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 5Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 6Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 7Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
*Common to Substrate and Case
Refer to JAN38510 Information, Military Section
D1
S1
NC
Dual-In-Line
IN1
D3
V–
S3
VR
S4
VL
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
Flat
Package
S4
S3
D4
D3
D2
D1
S2
S1
IN2
IN1
V+
V–*
VL
VR
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG183/184/185
Siliconix
S-52895—Rev. D, 16-Jun-97
1
High-Speed Drivers with Dual DPST JFET Switches
Features
Benefits
Applications
D Constant On-Resistance Over
Entire Analog Range
D Low Leakage
D Low Crosstalk
D Break-Before-Make Switching
D Rad Hardness
D Low Distortion
D Eliminates Large Signal Errors
D High Precision
D Improved Channel Isolation
D Eliminates Inadvertent Shorting
Between Channels
D Fault Protection
D Audio Switching
D Precision Switching
D Video Switching
D Video Routing
D Sample/Hold
D Aerospace
Description
The DG183/184/185 are precision dual double-pole,
single-throw (DPST) analog switches designed to provide
accurate switching of video and audio signals. This series
is ideally suited for applications requiring a constant
on-resistance over the entire analog range.
The major difference in the devices is the on-resistance
(DG183—10
W, DG184—30 W, DG185—75 W). Reduced
errors are achieved through low leakage current (ID(on)
< 2 nA). Applications which benefit from the flat JFET
on-resistance include audio switching, video switching, and
data acquisition.
To achieve fast and accurate switch performance, each
device comprises four n-channel JFET transistors and a
TTL compatible bipolar driver. In the on state, each switch
conducts current equally well in either direction. In the off
condition, the switches will block up to 20 V peak-to-peak,
with feedthrough of less than –60 dB at 10 MHz.
Functional Block Diagram and Pin Configuration
Truth Table
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic 0
v 0.8 V
Logic “1”
w 20V
Logic “1”
w 2.0 V
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70032.


Similar Part No. - DG183AP/883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
logo
Intersil Corporation
DG183 INTERSIL-DG183 Datasheet
4Mb / 122P
P-CHANNEL JFET
DG183 INTERSIL-DG183 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
logo
Vishay Siliconix
DG183 VISHAY-DG183 Datasheet
89Kb / 9P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
More results

Similar Description - DG183AP/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG181 INTERSIL-DG181 Datasheet
75Kb / 9P
High-Speed Drivers with JFET Switch
April 1999
logo
Vishay Siliconix
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
logo
Intersil Corporation
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
High-Speed Drivers with SPDT JFET Switches
16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
High-Speed Drivers with SPDT JFET Switches
16-Jun-97
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
High-Speed Drivers with Dual SPDT JFET Switches
20-Jun-05
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com