Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG183AP/883 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # DG183AP/883
Description  High-Speed Drivers with Dual DPST JFET Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG183AP/883 Datasheet(HTML) 7 Page - TEMIC Semiconductors

  DG183AP/883 Datasheet HTML 1Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 2Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 3Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 4Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 5Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 6Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 7Page - TEMIC Semiconductors DG183AP/883 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DG183/184/185
Siliconix
S-52895—Rev. D, 16-Jun-97
7
Typical Characteristics (Cont’d)
ID(off) vs. Temperature (DG184/185)
Temperature (
_C)
100
10
1
0.1
25
45
65
85
105
125
B Suffix
A Suffix
Capacitance vs. VD or VS (DG183)
VD or VS – Drain or Source Voltage (V)
30
26
22
18
14
10
–8
–4
0
4
8
CD(off)
CS(off)
CD(on)
f = 1 MHz
Off Isolation vs. Frequency
Capacitance vs. VD or VS (DG184/185)
VD or VS – Drain or Source Voltage (V)
f – Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
105
106
107
108
V+ = 15 V, V– = –15 V
VR = 0, VL = 5 V
RL = 75 W
VIN w 220 mVRMS
DG183
DG184/185
20
18
16
14
12
10
8
6
4
2
0
–10
–8
–6
–4
–2
0
2
4
6
8
10
CD(off)
CS(off)
CD(on)
Capacitance is measured from test terminal
to common.
VINL = 0.8 V
VINH = 2 V
f = 1 MHz
V+ = 10 V, V– = –20 V
VD = –10 V, VS = 10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com