Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTFD007 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTFD007
Description  SAW DUPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD007 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTFD007 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
- 2 -
Application
Low-loss SAW duplexer for mobile telephone
Cellular/WCDMA band 1 systems
Low amplitude ripple
Low insertion attenuation
Features
Ceramic Package for Surface Mounted Technology (SMT)
RoHS compatible
Package size 2.0x1.6
Approx. weight 0.014g
Electrostatic Sensitive Device(ESD)
Package Dimensions
Ceramic Package: Unit:mm
Pin Configuration
6
Antenna
3
TX Input
1,8
RX Output
2, 4 ,5, 7, 9
To Be Grounded
Marking
Top View, Laser Marking
“D007”:
Part number
” · ”:
Terminal 1
“**”:
Lot number (The code shown below varies in a 4-year cycle)
Code
1
2
3
4
5
6
7
8
9
10
11
12
2015
a
b
c
d
e
f
g
h
i
j
k
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com