Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTFD007 Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTFD007
Description  SAW DUPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD007 Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTFD007 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
- 4 -
Electrical Characteristics ANT- RX-:
Electrical Characteristics TX-ANT:
Temperature range for specification: T=-30°C to +85°C
Antenna terminating impedance: ZANT=50Ω||3.3nH
RX terminating impedance:
ZRX=100Ω||10nH (balanced)
TX terminating impedance:
ZTX=50Ω
Item
Min
Typical
Max
Unit
Center Frequency
fC
-
2140
-
MHz
Maximum Insertion
Loss
in 2112.4MHz–2167.6MHz
IL
-
2.0
2.3
dB
in 2110MHz–2170MHz
IL
-
2.1
2.4
dB
Amplitude Variation
in 2112.4MHz–2167.6MHz
Av
-
0.3
1.0
dB
in 2110MHz–2170MHz
Av
-
0.35
1.0
dB
Amplitude Variation over any 3.84MHz in passband
in 2110MHz–2170MHz
0.15
0.5
dB
Error vector magnitude
in 2112.4MHz–2167.6MHz
EVM
0.7
2.0
%
Absolute Attenuation
α
0.30 … 130MHz
30
75
-
dB
130 …240 MHz
35
67
-
dB
240 …1730 MHz
30
39
-
dB
1730 … 1790MHz
35
40
-
dB
1790 … 1920 MHz
30
41
--
dB
1922.4 …1977.6 MHz
50
54
--
dB
2015 … 2025 MHz
21
30
--
dB
2025 … 2050 MHz
7
13
--
dB
2050 … 2075 MHz
2
5
--
dB
2075 … 2095 MHz
1
2.4
--
dB
2185 … 2230 MHz
1
2.0
--
dB
2230 … 2255 MHz
5
13
--
dB
2255 … 2400 MHz
13
37
--
dB
2400 … 2500 MHz
30
41
--
dB
2500 … 4030 MHz
30
38
--
dB
4030 … 4150 MHz
36
49
--
dB
4150 … 5000 MHz
22
47
--
dB
5000 … 6000 MHz
30
40
--
dB
Input
VSWR(TX port) in 2110MHz–2170MHz
-
1.6:1
2.0:1
Output VSWR(ANT port) in 2110MHz–2170MHz
-
1.5:1
2.0:1
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com