Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTFD007 Datasheet(PDF) 6 Page - Advanced Crystal Technology

Part # ACTFD007
Description  SAW DUPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD007 Datasheet(HTML) 6 Page - Advanced Crystal Technology

  ACTFD007 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
- 6 -
Electrical Characteristics TX-RX:
Item
Minimum
Typical
Maximum
Unit
Isolation
-
-
1922.4MHz–1977.6MHz
IL
47
49
dB
2112.4MHz–2167.6MHz
47
50
dB
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response TX-RX
Requirements: The SAW filer shall remain within the electrical specifications after tests.
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of components.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com