Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4868 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4868
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4868 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4868 Datasheet HTML 1Page - National Semiconductor (TI) LM4868 Datasheet HTML 2Page - National Semiconductor (TI) LM4868 Datasheet HTML 3Page - National Semiconductor (TI) LM4868 Datasheet HTML 4Page - National Semiconductor (TI) LM4868 Datasheet HTML 5Page - National Semiconductor (TI) LM4868 Datasheet HTML 6Page - National Semiconductor (TI) LM4868 Datasheet HTML 7Page - National Semiconductor (TI) LM4868 Datasheet HTML 8Page - National Semiconductor (TI) LM4868 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Electrical Characteristics for Bridged-Mode Operation (Notes 3, 11) (Continued)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4868
Units
(Limits)
Typical
Limit
(Note 12)
(Note 13)
THD+N
Total Harmonic Distortion+Noise
20Hz
≤ f ≤ 20kHz, A
VD =2
LM4868MTE, R
L =4
Ω,P
O =2W
LM4868LQ, R
L =4
Ω,P
O =2W
LM4868, R
L =8
Ω,P
O =1W
0.3
0.3
0.3
%
%
%
PSRR
Power Supply Rejection Ratio
V
DD = 5V, VRIPPLE = 200 mVRMS,RL =8
Ω,
C
B = 2.2µF
67
dB
X
TALK
Channel Separation
f = 1 kHz, C
B = 2.2µF
80
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 1.1W, RL =8
Ω
97
dB
Electrical Characteristics for Single-Ended Operation (Notes 3, 11)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4868
Units
(Limits)
Typical
Limit
(Note 12)
(Note 13)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 0.5%, f = 1kHz, R
L =32
Ω
85
75
mW (min)
THD+N = 1%, f = 1kHz, R
L =8
Ω (Note
17)
180
mW
THD+N = 1%, f = 1kHz, R
L =16
Ω
THD+N = 1%, f = 1kHz, R
L =32
Ω
THD+N = 10%, f = 1kHz, R
L =16
Ω
THD+N = 10%, f = 1kHz, R
L =32
Ω
165
88
208
114
mW
mW
mW
mW
V
OUT
Output Voltage Swing
THD = 0.05%, R
L =5k
Ω
1V
P-P
THD+N
Total Harmonic Distortion+Noise
A
V = −1, PO = 75mW, 20 Hz
≤ f ≤ 20kHz,
R
L =32
Ω
0.2
%
PSRR
Power Supply Rejection Ratio
C
B = 2.2µF, VRIPPLE = 200mVRMS,
f = 1kHz
52
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 2.2µF
60
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 340mW, RL =8
Ω
94
dB
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device operates within the Operating Ratings. Specifications are not guaranteed for parameters where
no limit is given. The typical value however, is a good indication of device performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA. For the LM4868, TJMAX = 150˚C. For the θJAs for different packages, please see the Application
Information section or the Absolute Maximum Ratings section.
Note 5: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 6: Machine model, 220pF–240pF discharged through all pins.
Note 7: The given
θJA is for an LM4868 packaged in an MXA20A with the Exposed-DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper.
Note 8: The given
θJA is for an LM4868 packaged in an MXA20A with the Exposed-DAP soldered to an exposed 1in2 area of 1oz printed circuit board copper.
Note 9: The given
θJA is for an LM4868 packaged in an MXA20A with the Exposed-DAP not soldered to printed circuit board copper.
Note 10: The given
θJA is for an LM4868 packaged in an LQA24A with the Exposed-DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper.
Note 11: All voltages are measured with respect to the ground (GND) pins, unless otherwise specified.
Note 12: Typicals are measured at 25˚C and represent the parametric norm.
Note 13: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level). Datasheet min/max specification limits are guaranteed by design, test, or
statistical analysis.
Note 14: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 15: Output power is measured at the device terminals.
Note 16: When driving 3
Ω or 4Ω loads and operating on a 5V supply, the LM4868LQ and LM4868MTE must be mounted to a circuit board that has a minimum of
2.5in2 of exposed, uniterrupted copper area connected to the LLP or TSSOP package’s exposed DAP.
Note 17: See Application Information section ’Single-Ended Output Power Performance and Measurement Considerations’ for more information.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com