Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4868 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4868
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4868 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4868 Datasheet HTML 7Page - National Semiconductor (TI) LM4868 Datasheet HTML 8Page - National Semiconductor (TI) LM4868 Datasheet HTML 9Page - National Semiconductor (TI) LM4868 Datasheet HTML 10Page - National Semiconductor (TI) LM4868 Datasheet HTML 11Page - National Semiconductor (TI) LM4868 Datasheet HTML 12Page - National Semiconductor (TI) LM4868 Datasheet HTML 13Page - National Semiconductor (TI) LM4868 Datasheet HTML 14Page - National Semiconductor (TI) LM4868 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Typical Performance Characteristics (Continued)
Power Supply
Rejection Ratio
Open Loop
Frequency Response
20026721
20026722
Supply Current vs
Supply Voltage
20026723
External Components Description
( Refer to Figure 1. )
Components
Functional Description
1.
R
i
This is the inverting input resistance that sets the closed-loop gain in conjunction with R
f. This resistor also
forms a high pass filter with C
i at fc = 1/(2
πR
iCi).
2.
C
i
This is the input coupling capacitor. It blocks the DC voltage at the amplifier’s input terminals. It also
creates a highpass filter with R
i at fc = 1/(2
πR
iCi). Refer to the section, Selecting External Components,
for an explanation of how to determine the value of C
i.
3.
R
f
This is the feedback resistance. It sets the closed-loop gain in conjunction with R
i.
4.
C
s
This is the supply bypass capacitor. It provides power supply filtering. Refer to the Power Supply
Bypassing section for information concerning proper placement and selection of the supply bypass
capacitor.
5.
C
B
This is the bypass pin capacitor. It provides half-supply filtering. Refer to the section, Proper Selection of
External Components, for information concerning proper placement and selection of C
B.
Application Information
ELIMINATING OUTPUT COUPLING CAPACITORS
Typical single-supply audio amplifiers that can switch be-
tween
driving
bridge-tied-load
(BTL)
speakers
and
single-ended (SE) headphones use a coupling capacitor on
each SE output. This capacitor blocks the half-supply volt-
age to which the output amplifiers are typically biased and
couples the audio signal to the headphones. The signal
return to circuit ground is through the headphone jack’s
sleeve.
The LM4868 eliminates these coupling capacitors. Amp2A is
internally configured to apply V
DD/2 to a stereo headphone
jack’s sleeve. This voltage matches the quiescent voltage
present on the Amp1A and Amp1B outputs that drive the
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com