Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4868 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4868
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4868 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4868 Datasheet HTML 13Page - National Semiconductor (TI) LM4868 Datasheet HTML 14Page - National Semiconductor (TI) LM4868 Datasheet HTML 15Page - National Semiconductor (TI) LM4868 Datasheet HTML 16Page - National Semiconductor (TI) LM4868 Datasheet HTML 17Page - National Semiconductor (TI) LM4868 Datasheet HTML 18Page - National Semiconductor (TI) LM4868 Datasheet HTML 19Page - National Semiconductor (TI) LM4868 Datasheet HTML 20Page - National Semiconductor (TI) LM4868 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Application Information (Continued)
Single-Ended Output Power Performance and
Measurement Considerations
The LM4868 delivers clean, low distortion SE output power
into loads that are greater than 10
Ω. As an example, output
power for 16
Ω and 32Ω loads are shown in the Typical
Performance Characteristic curves. For loads less than
10
Ω, the LM4876 can typically supply 180mW of low distor-
tion power. However, when higher dissipation is desired in
loads less than 10
Ω, a dramatic increase in THD+N may
occur. This is normal operation and does not indicate that
proper functionality has ceased. When a jump from moder-
ate to excessively high distortion is seen, simply reducing
the output voltage swing will restore the clean, low distortion
SE operation.
The dramatic jump in distortion for loads less than 10
Ω
occurs when current limiting circuitry activates. During SE
operation, AMP2A (refer to Figure 4) drives the headphone
sleeve. An on-board circuit monitors this amplifier’s output
current. The sudden increase in THD+N is caused by the
current limit circuitry forcing AMP2A into a high−impedance
output mode. When this occurs, the output waveform has
discontinuities that produce large amounts of distortion. It
has been observed that as the output power is steadily
increased, the distortion may jump from 5% to greater than
35%. Indeed, 10% THD+N may not actually be achievable.
Using the Single−Ended Output for Line Level
Applications
Some samples of the LM4868 may exhibit small amplitude,
high frequency oscillation when the SE output is connected
to a line-level input. This oscillation can be eliminated by
connecting a 5%, 300
Ω resistor between Amp2A’s output pin
and each amplifier, AMP1A and AMP1B, output.
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (C
i in Figure 4). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with this limited frequency response reap
little improvement by using large input capacitor.
Besides effecting system cost and size, C
i has an affect on
the LM4868’s click and pop performance. When the supply
voltage is first applied, a transient (pop) is created as the
charge on the input capacitor changes from zero to a quies-
cent state. The magnitude of the pop is directly proportional
to the input capacitor’s size. Higher value capacitors need
more time to reach a quiescent DC voltage (usually V
DD/2)
when charged with a fixed current. The amplifier’s output
charges the input capacitor through the feedback resistor,
R
f. Thus, pops can be minimized by selecting an input
capacitor value that is no higher than necessary to meet the
desired −3dB frequency and is between 0.14C
B and 0.20CB.
A shown in Figure 4, the input resistor (R
I) and the input
capacitor, C
I produce a −3dB high pass filter cutoff frequency
that is found using Equation (7).
f
−3dB = 1/(2
πR
INCI)
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, C
i, using Equation (4) is 0.063µF. The 1.0µF
C
i shown in Figure 4 allows the LM4868 to drive high effi-
ciency, full range speaker whose response extends below
30Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
B, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the LM4868 settles to quiescent operation, its value is critical
when minimizing turn-on pops. The slower the LM4868’s
outputs ramp to their quiescent DC voltage (nominally 1/2
200267A1
FIGURE 7. The PCDN042 provides additional ESD
protection beyond the 8000V shown in the Absolute
Maximum Ratings for the AMP2A output
20026724
FIGURE 8. Headphone Circuit
(Pin numbers in ( ) are for the 20-pin MTE and MT
packages.)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com