Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3944 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3944 Datasheet HTML 1Page - National Semiconductor (TI) LP3944 Datasheet HTML 2Page - National Semiconductor (TI) LP3944 Datasheet HTML 3Page - National Semiconductor (TI) LP3944 Datasheet HTML 4Page - National Semiconductor (TI) LP3944 Datasheet HTML 5Page - National Semiconductor (TI) LP3944 Datasheet HTML 6Page - National Semiconductor (TI) LP3944 Datasheet HTML 7Page - National Semiconductor (TI) LP3944 Datasheet HTML 8Page - National Semiconductor (TI) LP3944 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings (Notes 2,
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD
−0.5V to 6V
A0, A1, A2, SCL, SDA, RST
(Collectively called digital pins)
6V
Voltage on LED pins
V
SS−0.5V to 6V
Junction Temperature
150˚C
Storage Temperature
−65˚C to 150˚C
Power Dissipation (Note 3)
1.76W
ESD (Note 4)
Human Body Model
2 kV
Machine Model
150V
Charge Device Model
1 kV
Operating Ratings (Notes 1, 2)
V
DD
2.3V to 5.5V
Junction Temperature
−40˚C to +125˚C
Operating Ambient Temperature
−40˚C to +85˚C
Thermal Resistance (
θ
JA)
LLP24 (Note 3)
37˚C/W
Power Dissipation
1.08W
Electrical Characteristics
Unless otherwise noted, V
DD = 5.5V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits appearing
in boldface type apply over the entire junction temperature range for operation, T
J = −40˚C to +125˚C. (Note 5)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
POWER SUPPLY
V
DD
Supply Voltage
5
2.3
5.5
V
I
Q
Supply Current
No Load
350
550
µA
Standby
2.0
5
∆I
Q
Additional Standby Current
V
DD = 5.5V, every LED pin
at 4.3V
2
mA
V
POR
Power-On Reset Voltage
1.8
1.96
V
t
w
Reset Pulse Width
10
ns
LED
V
IL
LOW Level Input Voltage
−0.5
0.8
V
V
IH
HIGH Level Input Voltage
2.0
5.5
V
I
OL
Low Level Output Current
(Note 6)
V
OL = 0.4V, VDD = 2.3V
9
mA
V
OL = 0.4V, VDD = 3.0V
12
V
OL = 0.4V, VDD = 5.0V
15
V
OL = 0.7V, VDD = 2.3V
15
V
OL = 0.7V, VDD = 3.0V
20
V
OL = 0.7V, VDD = 5.0V
25
I
LEAK
Input Leakage Current
V
DD = 3.6, VIN =0VorVDD
−1
1
µA
C
I/O
Input/Output Capacitance
(Note 7)
2.6
5
pF
ALL DIGITAL PINS (EXCEPT SCL AND SDA PINS)
V
IL
LOW Level Input Voltage
−0.5
0.8
V
V
IH
HIGH Level Input Voltage
2.0
5.5
V
I
LEAK
Input Leakage Current
−1
1
µA
C
IN
Input Capacitance
V
IN = 0V (Note 7)
2.3
5
pF
I
2C INTERFACE (SCL AND SDA PINS)
V
IL
LOW Level Input Voltage
-0.5
0.3V
DD
V
V
IH
HIGH Level Input Voltage
0.7V
DD
5.5
V
V
OL
LOW Level Output Voltage
0
0.2V
DD
V
I
OL
LOW Level Output Current
V
OL = 0.4V
6.5
3
mA
F
CLK
Clock Frequency
(Note 7)
400
kHz
t
HOLD
Hold Time Repeated START
Condition
(Note 7)
0.6
µs
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com