Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3944 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3944 Datasheet HTML 4Page - National Semiconductor (TI) LP3944 Datasheet HTML 5Page - National Semiconductor (TI) LP3944 Datasheet HTML 6Page - National Semiconductor (TI) LP3944 Datasheet HTML 7Page - National Semiconductor (TI) LP3944 Datasheet HTML 8Page - National Semiconductor (TI) LP3944 Datasheet HTML 9Page - National Semiconductor (TI) LP3944 Datasheet HTML 10Page - National Semiconductor (TI) LP3944 Datasheet HTML 11Page - National Semiconductor (TI) LP3944 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Notes (Continued)
AUTO INCREMENT
Auto increment is a special feature supported by the LP3944
to eliminate repeated chip and register addressing when
data are to be written to or read from registers in sequential
order. The auto increment bit is inside the register address
byte, as shown in Figure 6. Auto increment is enabled when
this bit is programmed to “1” and disabled when it is pro-
grammed to “0”.
In the READ mode, when auto increment is enabled, I
2C
master could receive any number of bytes from LP3944
without selecting chip address and register address again.
Every time the I
2C master reads a register, the LP3944 will
increment the register address and the next data register will
be read. When I
2C master reaches the last register (09H
register), the register address will roll over to 00H.
In the WRITE mode, when auto increment is enabled, the
LP3944 will increment the register address every time I
2C
master writes to register. When the last register (09H regis-
ter) is reached, the register address will roll over to 02H,
because the first two registers in LP3944 are read-only
registers. It is possible to write to these two registers, and the
LP3944 will acknowledge, but the data will be ignored.
In the LP3944, registers 0x01, 0x08 and 0x09 are not func-
tional. However, it is still necessary to read from 0x01 and to
write to 0x08 and 0x09 in Auto Increment mode. They cannot
be skipped.
If auto increment is disabled, and the I
2C master does not
change register address, it will continue to write data into the
same register.
20085311
FIGURE 6. Register Address Byte
20085312
FIGURE 7. Programming with Auto Increment Disabled (in WRITE Mode)
20085313
FIGURE 8. Programming with Auto Increment Enabled (in WRITE Mode)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com