Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3944 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3944 Datasheet HTML 4Page - National Semiconductor (TI) LP3944 Datasheet HTML 5Page - National Semiconductor (TI) LP3944 Datasheet HTML 6Page - National Semiconductor (TI) LP3944 Datasheet HTML 7Page - National Semiconductor (TI) LP3944 Datasheet HTML 8Page - National Semiconductor (TI) LP3944 Datasheet HTML 9Page - National Semiconductor (TI) LP3944 Datasheet HTML 10Page - National Semiconductor (TI) LP3944 Datasheet HTML 11Page - National Semiconductor (TI) LP3944 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Notes (Continued)
Address 0x05 (PWM1)
Bit #
76543210
Default value
10000000
PWM1 register determines the duty cycle of DIM1. The LED outputs are LOW (LED on) when the count is less than the value in PWM1 and HIGH (LED off) when
it is greater. If PWM1 is programmed with 0x00, LED output is always HIGH (LED off).
The duty cycle of DIM1 is: PWM1/256
Default value is 50% duty cycle.
BINARY FORMAT FOR SELECTOR REGISTERS — ADDRESS 0x06 to 0x07
Address 0x06 (LS0)
Bit #
76543210
Default value
00000000
B1
B0
B1
B0
B1
B0
B1
B0
LED3
LED2
LED1
LED0
Address 0x07 (LS1)
Bit #
76543210
Default value
00000000
B1
B0
B1
B0
B1
B0
B1
B0
LED7
LED6
LED5
LED4
LED States With Respect To Values in "B1" and "B0"
B1
B0
Function
0
0
Output Hi-Z
(LED off)
0
1
Output LOW
(LED on)
1
0
Output dims
(DIM0 rate)
1
1
Output dims
(DIM1 rate)
Programming Example:
Dim LEDs 0 to 7 at 1 Hz at 25% duty cycle
Step 1: Set PSC0 to achieve DIM0 of 1s
Step 2: Set PWM0 duty cycle to 25%
Step 3: Set PSC1 to achieve DIM1 of 0.2s
Step 4: Set LEDs 0 to 7 to point to DIM0
Step
Description
Register Name
Set to (Hex)
1
Set DIM0 = 1s
1 = (PSC0 + 1)/160
PSC0 = 159
PSC0
0x09F
2
Set duty cycle to 25%
Duty Cycle = PWM0/256
PWM0 = 64
PWM0
0x40
3
Set DIM1 = 0.2s
0.2 = (PSC1 + 1)/160
PSC1 = 31
PSC1
0x1F
4
LEDs0to7
Output = DIM0
LS0, LS1
LS0 = 0xAA
LS1 = 0xAA
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com