Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULVH431G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULVH431G-AE3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULVH431G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULVH431G-AE3-R Datasheet HTML 1Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 2Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 3Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 4Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 5Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ULVH431
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-115.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Voltage (Note 1)
VKA
20
V
Cathode Current Range
IK
-25 ~ 50
mA
Reference Current Range
IREF
-0.05 ~ 3
mA
Operating Virtual Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Package Thermal Impedance (Note 2)
θJA
206
°C/W
Note: Voltage values are with respect to the anode terminal, unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Cathode Voltage
VKA
VREF
18
V
Cathode Current (Continuous)
IK
0.1
50
mA
Operating Free-Air Temperature Range
TA
-40
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com