Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULVH431G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULVH431G-AE3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULVH431G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULVH431G-AE3-R Datasheet HTML 1Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 2Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 3Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 4Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 5Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULVH431
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-115.b
LOW-VOLTAGE ADJUSTABLE
PRECISION SHUNT
REGULATOR
DESCRIPTION
The UTC ULVH431 is a low-voltage 3-terminal programmable
shunt regulator with guaranteed thermal stability over full applicable
industrial and commercial temperature ranges.
The output voltage of UTC ULVH431 can be set to any value
between VREF (1.24V) and the corresponding maximum cathode
voltage (18V) with two external resistors. The device operates from
a lower voltage (1.24V) than the widely used TL431 and TL1431
shunt-regulator references.
The UTC ULVH431 is an ideal voltage reference in isolated
feedback circuits for 3-V to 3.3-V switching-mode power supplies
when it is used with an opto-coupler. It has a typical output
impedance of 0.25Ω. Active output circuitry supplies a very sharp
turn-on characteristic, which makes the UTC ULVH431 very good
substitute for low-voltage Zener diode in many applications such as
adjustable power supplies and on-board regulation.
FEATURES
* Adjustable output voltage, VO=VREF to 18 V
* Low-Voltage operation: VREF= 1.24 V
* Wide operating cathode current range: 100µA to 50mA
* Reference voltage tolerances at 25°C
* 0.25-Ω typical output impedance
* -40°C ~ 125°C specifications
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
ULVH431G-AE2-R
SOT-23-3
K
R
A
Tape Reel
ULVH431G-AE3-R
SOT-23
K
R
A
Tape Reel


Similar Part No. - ULVH431G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
ULV NICHICON-ULV Datasheet
231Kb / 2P
Applicable to automatic mounting machine using carrier tape.
logo
Roithner LaserTechnik G...
ULV-445-300 ROITHNER-ULV-445-300 Datasheet
156Kb / 1P
Blue Laser Diode Module
ULV-445-600 ROITHNER-ULV-445-600 Datasheet
145Kb / 2P
Blue Laser Diode Module
ULV-445-700 ROITHNER-ULV-445-700 Datasheet
191Kb / 1P
Blue Laser Diode Module
logo
RHOPOINT COMPONENTS
ULV100 RHOPOINT-ULV100 Datasheet
239Kb / 2P
ULV/ULH TYPE
More results

Similar Description - ULVH431G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com