Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULVH431G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULVH431G-AE3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULVH431G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULVH431G-AE3-R Datasheet HTML 1Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 2Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 3Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 4Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 5Page - Unisonic Technologies ULVH431G-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ULVH431
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-115.b
ELECTRICAL CHARACTERISTICS (TA=25°C free-air temperature, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
ULVH431-A 1.234
1.24
1.246
V
ULVH431-1
1.228
1.24
1.252
V
ULVH431-2
1.252
1.265
V
Reference Voltage
VREF
VKA=VREF,
IK=10mA
TA=25°C
ULVH431-3
1.215
1.228
V
VREF Deviation Over Full
Temperature Range (Note 2)
VREF(dev)
VKA=VREF, IK=10mA
(Note 1 and Figure 1)
11
31
mV
Ratio of VREF Change to
Cathode Voltage Change
KA
REF
V
∆
V
∆
IK=10mA (see Figure 2), VKA=VREF~18V
-1.5
-2.7
mV/V
Reference Terminal Current
Iref
IK=10mA, R1=10kΩ, R2=OPEN
(see Figure 2)
0.1
0.5
µA
Iref Deviation Over Full
Temperature Range (Note 2)
Iref(dev)
IK=10mA, R1=10kΩ, R2=Open
(see Note 1 and Figure 2)
0.15
0.5
µA
Minimum Cathode Current for
Regulation
IK(min)
VKA=VREF (see Figure 1)
60
100
µA
Off-State Cathode Current
IK(off)
VREF=0, VKA=18V (see Figure 3)
0.02
0.1
µA
Dynamic Impedance (Note 3)
|zKA|
VKA=VREF, f≤1kHz, IK=0.1mA~50mA
(see Figure 1)
0.25
0.4
Ω
Notes: 1. Full temperature ranges are: -40°C~125°C for ULVH431.
2. The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and
minimum values obtained over the rated temperature range. The average full-range temperature
coefficient of the reference input voltage, αVREF, is defined as:
REF
V
α
(
)
C
°
ppm
=
A
6
A
REF
)
dev
(
REF
T
∆
10
×
)
)
C
°
25
=
T
(
V
V
(
where ∆TA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively,
occurs at the lower temperature.
3. The dynamic impedance is defined as:
K
KA
ka
I
∆
V
∆
=
z
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of
the circuit is defined as:
)
2
R
1
R
+
1
(
×
z
≈
I
∆
V
∆
=
z
ka
ka



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com