Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD201X Datasheet(PDF) 8 Page - OSRAM GmbH

Part # ISD201X
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD201X Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button ISD201X Datasheet HTML 4Page - OSRAM GmbH ISD201X Datasheet HTML 5Page - OSRAM GmbH ISD201X Datasheet HTML 6Page - OSRAM GmbH ISD201X Datasheet HTML 7Page - OSRAM GmbH ISD201X Datasheet HTML 8Page - OSRAM GmbH ISD201X Datasheet HTML 9Page - OSRAM GmbH ISD201X Datasheet HTML 10Page - OSRAM GmbH ISD201X Datasheet HTML 11Page - OSRAM GmbH ISD201X Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISD201X, ISD231X, ISD235X
2006-04-04
8
Peak Column Current vs. Column
Voltage, ISD201X
Recommended Operating
Conditions
(Guaranteed over operating
temperature range)
Parameter
Symbol
Min.
Nom.
Max.
Units
Supply Voltage
V
CC
4.75
5.0
5.25
V
Data Out Current, Low State
IOL
—
—
—
mA
Data Out Current, High State
I
OH
—
—
—
mA
Column Input Voltage, Column On
*
VCOL
2.75
—
3.5
V
Setup Time
TSETUP
70
45
—
ns
Hold Time
T
HOLD
30
—
—
ns
Width of Clock
TW(CLK)
75
—
—
ns
Clock Frequency
TCLK
—
—
5.0
MHz
Clock Transition Time
T
THL
—
—
200
ns
Free Air Operating Temperature Range
T
A
–55
—
+100
°C
* See Figures „Peak Column Current vs. Column Voltage“
IDDG5124
0
0
COL
V
COL
I
1
23
4
5
6
V
100
200
300
400
500
600
mA
2010
2011/2012/2013
Peak Column Current vs. Column
Voltage, ISD231X
IDDG5125
0
0
COL
V
COL
I
1
23
4
5
6
V
100
200
300
400
500
600
mA
ISD2310
ISD2311/2/3
Peak Column Current vs. Column
Voltage, ISD235X
IDDG5126
0
0
COL
V
COL
I
1
23
4
5
6
V
100
200
300
400
500
600
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com