Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD201X Datasheet(PDF) 9 Page - OSRAM GmbH

Part # ISD201X
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD201X Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button ISD201X Datasheet HTML 5Page - OSRAM GmbH ISD201X Datasheet HTML 6Page - OSRAM GmbH ISD201X Datasheet HTML 7Page - OSRAM GmbH ISD201X Datasheet HTML 8Page - OSRAM GmbH ISD201X Datasheet HTML 9Page - OSRAM GmbH ISD201X Datasheet HTML 10Page - OSRAM GmbH ISD201X Datasheet HTML 11Page - OSRAM GmbH ISD201X Datasheet HTML 12Page - OSRAM GmbH ISD201X Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISD201X, ISD231X, ISD235X
2006-04-04
9
Electrical Characteristics
(–55°C to +100°C, unless otherwise specified)
Description
Symbol Min.
Typ.
9)
Max.
Units
Test Conditions
Supply Current (quiescent)
I
CC
—
—
5.0
mA
V
B=0.4 V
V
CC=5.25 V
V
CLK=VDATA=2.4V
All SR
Stages=Logical 1
—
—
5.0
V
B=2.4 V
Supply Current (operating)
I
CC
—
—
10
mA
F
CLK=5.0 MHz
Column Current at Any Column Input*
I
COL
—
—
10
µA
V
B=0.4 V
V
CC=5.25 V
V
COL=3.5 V
All SR
Stages=Logical 1
Column Current at Any Column Input*
ISD2010 red
ISD2011/2/3: yellow, HER, green
ISD231X: red, yellow, HER, green
ISD235X: yellow, HER, green
I
COL
—
350
335
380
550
435
410
520
650
mA
—
V
B, Clock or Data Input Threshold Low
V
IL
—
—
0.8
V
V
CC=4.75 V–5.25 V
V
B, Clock or Data Input Threshold High
V
IH
2.0
—
—
V
Data Out Voltage
V
OH
2.4
3.6
—
V
I
OH=0.5 mA
V
CC=5.25 V
I
COL=0 mA
V
OL
—
—
—
—
I
OL=1.6 mA
Input Current Logical 0, V
B only
I
IL
–30
–110
–300
µA
V
CC=4.75 V–5.25 V,
V
IL=0.8 V
Input Current Logical 0, Data, Clock
I
IL
—
—
—
—
Power Dissipation per Package
ISD201X
ISD231X
ISD235X
P
D
0.44
0.52
0.74
—
—
W
V
CC=5.0 V, VCOL=3.5 V,
17.5% DF
15 LEDs on per character,
V
B=2.4 V
Thermal Resistance IC, Junction-to-Pin
ISD201X
ISD231X
ISD235X
R
qJ-PIN
—
30
20
25
—
°C/W
—
* See Figures „Peak Column Current vs. Column Voltage“ (page 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com