Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD201X Datasheet(PDF) 16 Page - OSRAM GmbH

Part # ISD201X
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD201X Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button ISD201X Datasheet HTML 8Page - OSRAM GmbH ISD201X Datasheet HTML 9Page - OSRAM GmbH ISD201X Datasheet HTML 10Page - OSRAM GmbH ISD201X Datasheet HTML 11Page - OSRAM GmbH ISD201X Datasheet HTML 12Page - OSRAM GmbH ISD201X Datasheet HTML 13Page - OSRAM GmbH ISD201X Datasheet HTML 14Page - OSRAM GmbH ISD201X Datasheet HTML 15Page - OSRAM GmbH ISD201X Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
2006-04-04
16
ISD201X, ISD231X, ISD235X
Remarks:
1)
Operation above +100°C ambient is possible if the following conditions are met.
The junction should not exceed T
J=125°C and the case temperature (as measured at pin 1 or the back of the display)
should not exceed TC=100°C.
2)
Maximum allowable dissipation is derived from:
V
CC=5.25 V, VB=2.4 V, VCOL=3.5 V 20 LEDs on per character, 20% DF.
3)
Dimensions are specified as follows: inch (mm)
4)
V
B Pulse Width Frequency—50 kHz (max.)
5)
All typical values specified at V
CC=5.0 V and TA=25°C unless otherwise noted.
6)
The displays are categorized for luminous intensity with the intensity category designated by a letter code on the
bottom of the package.
7)
The luminous sterance of the LED may be calculated using the following relationships:
L
V (cd/m
2) = l
V (Candela)/A (Meter)
2
L
V (Footlamberts) = p lv (Candela)/A (Foot)
2
A=5.3 x 10
–8 m2 = 5.8 x10–7 (Foot)2
8)
Dominant wavelength (l
dom) is derived from the CIE chromaticity diagram and represents the single wavelength
which defines the color of the device.
9)
All typical values specified at V
CC=5.0 V and TA=25°C unless otherwise noted.
10) The luminous intensity is measured at T
A=TJ=25°C. No time is allowed for the device to warm up prior to
measurement.
11) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
12) Life support devices or systems are intended
(a) to be implanted in the human body,
or
(b) to support and/or maintain and sustain human life.
If they fail, it is reasonable to assume that the health or the life of the user may be endangered.
Published by
OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
www.osram-os.com
© All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com