Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952001 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS952001
Description  Preliminary Product Previes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952001 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS952001 Datasheet HTML 8Page - Integrated Circuit Systems ICS952001 Datasheet HTML 9Page - Integrated Circuit Systems ICS952001 Datasheet HTML 10Page - Integrated Circuit Systems ICS952001 Datasheet HTML 11Page - Integrated Circuit Systems ICS952001 Datasheet HTML 12Page - Integrated Circuit Systems ICS952001 Datasheet HTML 13Page - Integrated Circuit Systems ICS952001 Datasheet HTML 14Page - Integrated Circuit Systems ICS952001 Datasheet HTML 15Page - Integrated Circuit Systems ICS952001 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS952001
Preliminary Product Preview
Electrical Characteristics - CPU
TA = 0 - 70C, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP2B
1
VO = VDD*(0.5)
13.5
45
Ω
Output Impedance
RDSN2B
1
VO = VDD*(0.5)
13.5
45
Ω
Output High Voltage
VOH2B
IOH = -1 mA
2
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.4
V
Output High Current
IOH2B
VOH @MIN= 1.0V , VOH@ MAX= 2.375V
-27
-27
mA
Output Low Current
IOL2B
VOL @MIN= 1.2V , VOL@ MAX= 0.3V
27
30
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.4
1.6
ns
Fall Time
tf2B
1
VOH = 0.4 V, VOL = 2.0 V
0.4
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
455055
ns
Skew
tsk2B
1
VT = 1.25 V
175
ps
Jitter
tjcyc-cyc
1
VT = 1.25 V
250
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAM ETE R
SYMBOL
CONDITIONS
MIN
TYP
MA X
UNITS
Output Im pedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output Im pedance
RDSN1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -18 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
2.0
ns
Fall Tim e
tf1
1
VOH = 2.4 V, VOL = 0.4 V
2.0
ns
Duty Cycle
dt1
1
VT = 1.5 V
45.0
55.0
%
Skew Window
tsk1
1
VT = 1.5 V
500
ps
Jitter
tj1s1
1
VT = 1.5 V
250
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com