Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952001 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS952001
Description  Preliminary Product Previes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952001 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS952001 Datasheet HTML 9Page - Integrated Circuit Systems ICS952001 Datasheet HTML 10Page - Integrated Circuit Systems ICS952001 Datasheet HTML 11Page - Integrated Circuit Systems ICS952001 Datasheet HTML 12Page - Integrated Circuit Systems ICS952001 Datasheet HTML 13Page - Integrated Circuit Systems ICS952001 Datasheet HTML 14Page - Integrated Circuit Systems ICS952001 Datasheet HTML 15Page - Integrated Circuit Systems ICS952001 Datasheet HTML 16Page - Integrated Circuit Systems ICS952001 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS952001
Preliminary Product Preview
Electrical Characteristics - 24M, 48M, REF
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP5
1
VO = VDD*(0.5)
20
60
Ω
Output Impedance
RDSN5
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH5
IOH = -14 mA
2.4
V
Output Low Voltage
VOL5
IOL = 6.0 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
10
mA
Rise Time
tr5
1
VOL = 0.4 V, VOH = 2.4 V
4.0
ns
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.4 V
4.0
ns
Duty Cycle
dt5
1
VT = 1.5 V
45.0
55.0
%
Jitter
tj1s5
1
VT = 1.5 V
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD =VDDL 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP2A
1
VO = VDD*(0.5)
10
20
Ω
Output Impedance
RDSN2A
1
VO = VDD*(0.5)
10
20
Ω
Output High Voltage
VOH2A
IOH = -28 mA
2.4
V
Output Low Voltage
VOL2A
IOL = 19 mA
0.4
V
Output High Current
IOH2A
VOH = 2.0 V
-42
mA
Output Low Current
IOL2A
VOL = 0.8 V
33
mA
Rise Time
tr2A
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.0
ns
Fall Time
tf2A
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
Duty Cycle
dt2A
1
VT = 1.5 V
45
55
%
Jitter
1
tcyc-cyc
VT = 1.5 V
250.0
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com