Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952001 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952001
Description  Preliminary Product Previes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952001 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952001 Datasheet HTML 1Page - Integrated Circuit Systems ICS952001 Datasheet HTML 2Page - Integrated Circuit Systems ICS952001 Datasheet HTML 3Page - Integrated Circuit Systems ICS952001 Datasheet HTML 4Page - Integrated Circuit Systems ICS952001 Datasheet HTML 5Page - Integrated Circuit Systems ICS952001 Datasheet HTML 6Page - Integrated Circuit Systems ICS952001 Datasheet HTML 7Page - Integrated Circuit Systems ICS952001 Datasheet HTML 8Page - Integrated Circuit Systems ICS952001 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS952001
Preliminary Product Preview
Block Diagram
952001 Rev A 01/24/02
Pin Configuration
Recommended Application:
SIS 645/650 style chipsets.
Output Features:
•
2 - Pairs of differential CPUCLKs (differential current mode)
•
1 - SDRAM @ 3.3V
•
8 - PCI @3.3V
•
2 - AGP @ 3.3V
•
2 - ZCLKs @ 3.3V
•
1- 48MHz, @3.3V fixed.
•
1- 24/48MHz, @3.3V selectable by I
2C
(Default is 24MHz)
•
3- REF @3.3V, 14.318MHz.
Features/Benefits:
•
Programmable output frequency, divider ratios, output
rise/falltime, output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
For PC133 SDRAM system use the ICS9179-06 as the
memory buffer.
•
For DDR SDRAM system use the ICS93705 or
ICS93722 as the memory buffer.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
PCI - PCI output skew: < 500ps
•
CPU - SDRAM output skew: < 1ns
•
AGP - AGP output skew: <150ps
Programmable Timing Control Hub™ for P4™ processor
* These inputs have a 120K pull up to VDD.
** These inputs have a 120K pull down to GND.
48-Pin 300-mil SSOP and TSSOP
Functionality
Power Groups
VDDCPU = CPU
VDDPCI = PCICLK_F, PCICLK
VDDSD = SDRAM
AVDD48 = 48MHz, 24MHz, fixed PLL
AVDD = Analog Core PLL
VDDAGP= AGP
VDDREF = Xtal, REF
VDDZ = ZCLK
Note: For additional margin testing frequencies, refer to Byte 4
VDDREF
FS0/REF0
*FS1/REF1
X1
X2
GNDZ
ZCLK0
VDDPCI
PCICLK0
PCICLK1
GNDPCI
VDDPCI
**
*
**FS2/REF2
GNDREF
ZCLK1
VDDZ
*PCI_STOP#
**FS3/PCICLK_F0
**FS4/PCICLK_F1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
GNDPCI
VDDSD
SDRAM
GNDSD
CPU_STOP#
PD#*/Vtt_PWRGD
GNDAGP
AGPCLK0
AGPCLK1
VDDAGP
VDDA48
48MHz
24_48MHz/MULTISEL
GND48
*
CPUCLKT_1
CPUCLKC_1
VDDCPU
GNDCPU
CPUCLKT_0
CPUCLKC_0
IREF
GNDA
VDDA
SCLK
SDATA
*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
I REF
CPU
DIVDER
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
ZCLK (1:0)
PCICLK (9:0)
AGP (1:0)
PCICLK_F (1:0)
2
2
2
6
2
X1
X2
XTAL
OSC
ZCLK
DIVDER
PCI
DIVDER
Stop
SDATA
SCLK
FS (4:0)
PD#
PCI_STOP#
CPU_STOP#
MULTISEL
PD#/Vtt_PWRGD
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
AGP
DIVDER
Stop
2
2
CPUCLKT (1:0)
CPUCLKC (1:0)
B i t 2 B it 7 B it 6 B it 5 B it 4
C P U
S D R A M
Z C L K
A G P
FS 4
FS 3
FS 2
FS 1
FS 0
(M H z )
(M H z )
(M H z )
(M H z )
0
0
0
0
0
66. 67
66. 67
66. 67
6 6 . 6 7
0
0
0
0
1
100. 00
100. 00
66. 67
6 6 . 6 7
0
0
0
1
0
100. 00
200. 00
66. 67
6 6 . 6 7
0
0
0
1
1
100. 00
133. 33
66. 67
6 6 . 6 7
0
0
1
0
0
100. 00
150. 00
60. 00
6 0 . 0 0
0
0
1
0
1
100. 00
125. 00
62. 50
6 2 . 5 0
0
0
1
1
0
100. 00
160. 00
66. 67
6 6 . 6 7
0
0
1
1
1
100. 00
133. 33
80. 00
6 6 . 6 7
0
1
0
0
0
100. 00
200. 00
66. 67
6 6 . 6 7
0
1
0
0
1
100. 00
166. 67
62. 50
6 2 . 5 0
0
1
0
1
0
100. 00
166. 67
71. 43
8 3 . 3 3
0
1
0
1
1
80. 00
133. 33
66. 67
6 6 . 6 7
0
1
1
0
0
80. 00
133. 33
66. 67
6 6 . 6 7
0
1
1
0
1
95. 00
95. 00
63. 33
6 3 . 3 3
0
1
1
1
0
95. 00
126. 67
63. 33
6 3 . 3 3
0
111
1
66. 67
66. 67
50. 00
5 0 . 0 0


Similar Part No. - ICS952001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
logo
Integrated Device Techn...
ICS952003 IDT-ICS952003 Datasheet
199Kb / 18P
Programmable Timing Control Hub??for P4??processor
logo
Integrated Circuit Syst...
ICS952003YFT ICST-ICS952003YFT Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
Programmable Timing Control Hub??for P4??processor
More results

Similar Description - ICS952001

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
SBS Telecom Standard Product Data Sheet Preliminary
logo
AZ Displays
HV056WX1-100 AZDISPLAYS-HV056WX1-100 Datasheet
1Mb / 29P
Preliminary Product Specification
HX104X01-210 AZDISPLAYS-HX104X01-210 Datasheet
897Kb / 30P
Preliminary Product Specification
HX121WX1-100 AZDISPLAYS-HX121WX1-100 Datasheet
729Kb / 29P
Preliminary Product Specification
logo
Zilog, Inc.
Z8612912SSC00TR ZILOG-Z8612912SSC00TR Datasheet
3Mb / 62P
PRELIMINARY PRODUCT SPECIFICATION
logo
Cystech Electonics Corp...
MTN2N65AI3 CYSTEKEC-MTN2N65AI3 Datasheet
344Kb / 11P
MTN2N65AI3 Preliminary CYStek Product Specification
logo
Sharp Corporation
LQ043T3DX04 SHARP-LQ043T3DX04 Datasheet
1Mb / 25P
Preliminary Product Specification
logo
List of Unclassifed Man...
NT156WHM-N12 ETC2-NT156WHM-N12 Datasheet
873Kb / 30P
Preliminary Product Specification
HV320WX2-206 ETC-HV320WX2-206 Datasheet
537Kb / 23P
HV320WX2-206 Product Preliminary Specification
2013.05.17
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com