Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDP2114S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # HSDP2114S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2114S Datasheet(HTML) 1 Page - OSRAM GmbH

  HSDP2114S Datasheet HTML 1Page - OSRAM GmbH HSDP2114S Datasheet HTML 2Page - OSRAM GmbH HSDP2114S Datasheet HTML 3Page - OSRAM GmbH HSDP2114S Datasheet HTML 4Page - OSRAM GmbH HSDP2114S Datasheet HTML 5Page - OSRAM GmbH HSDP2114S Datasheet HTML 6Page - OSRAM GmbH HSDP2114S Datasheet HTML 7Page - OSRAM GmbH HSDP2114S Datasheet HTML 8Page - OSRAM GmbH HSDP2114S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Lead (Pb) Free Product - RoHS Compliant
Red
HSDP2110S
Yellow
HSDP2111S
High Efficiency Red
HSDP2112S
Green
HSDP2113S
High Efficiency Green
HSDP2114S
Soft Orange
HSDP2115S
0.200" 8-Character 5x7 Dot Matrix Parallel Input
Alphanumeric Intelligent Display® Devices
2006-01-23
1
DESCRIPTION
The HDSP2110S (Red), HDSP2111S (Yellow),
HDSP2112S (High Efficiency Red), HDSP2113S
(Green), HDSP2114S (High Efficiency Green), and
HDSP2115S (Soft Orange) are eight digit, 5 x 7 dot
matrix, alphanumeric Intelligent Display devices. The
0.20 inch high digits are packaged in a rugged, high qual-
ity, optically transparent, 0.6 inch lead spacing, 28 pin
plastic DIP.
The on-board CMOS has a built-in 128 character ROM.
The HDSP211XS also has a user definable character
(UDC) feature, which uses a RAM that permits storage of
16 arbitrary characters, symbols or icons that are soft-
ware-definable by the user. The character ROM itself is
mask programmable and easily modified by the manufac-
turer to provide specified custom characters.
The
HDSP211XS
is
designed
for
standard
microprocessor interface techniques, and is fully TTL
compatible. The Clock I/O and Clock Select pins allow the
user to cascade multiple display modules.
ESD Warning: Standard precautions for CMOS
handling should be observed.
FEATURES
•
Eight 0.200" Dot Matrix Characters in Red, Yellow,
High Efficiency Red, Green, High Efficiency Green, or
Soft Orange
•
Built-in 128 Character ROM,
Mask Programmable for Custom Fonts
•
Readable from 8 Feet (2.5 meters)
•
Built-in Decoders, Multiplexers and Drivers
•
Wide Viewing Angle, X Axis ± 55°, Y Axis ± 65°
•
Programmable Features:
– Individual Flashing Character
– Full Display Blinking
– Multi-Level Dimming and Blanking
– Clear Function
– Self Test
•
Internal or External Clock
•
End Stackable Dual-In-Line Plastic Package
•
Read/Write Capability
•
16 User Definable Characters


Similar Part No. - HSDP2114S

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
HSD KGS-HSD Datasheet
222Kb / 1P
Thin and flexible heat spreading sheet for superior thermal management
HSD-0.22 KGS-HSD-0.22 Datasheet
222Kb / 1P
Thin and flexible heat spreading sheet for superior thermal management
HSD-0.30 KGS-HSD-0.30 Datasheet
222Kb / 1P
Thin and flexible heat spreading sheet for superior thermal management
logo
Kontron
HSD01-0000-53-2 KONTRON-HSD01-0000-53-2 Datasheet
494Kb / 5P
COM-HPC®/Server Size D with Intel® XEON® D-2700
HSD01-0000-76-2 KONTRON-HSD01-0000-76-2 Datasheet
494Kb / 5P
COM-HPC®/Server Size D with Intel® XEON® D-2700
More results

Similar Description - HSDP2114S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
List of Unclassifed Man...
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
logo
OSRAM GmbH
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com