Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDP2114S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # HSDP2114S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2114S Datasheet(HTML) 4 Page - OSRAM GmbH

  HSDP2114S Datasheet HTML 1Page - OSRAM GmbH HSDP2114S Datasheet HTML 2Page - OSRAM GmbH HSDP2114S Datasheet HTML 3Page - OSRAM GmbH HSDP2114S Datasheet HTML 4Page - OSRAM GmbH HSDP2114S Datasheet HTML 5Page - OSRAM GmbH HSDP2114S Datasheet HTML 6Page - OSRAM GmbH HSDP2114S Datasheet HTML 7Page - OSRAM GmbH HSDP2114S Datasheet HTML 8Page - OSRAM GmbH HSDP2114S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2006-01-23
4
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
Write Cycle Timing Diagram (Input pulse levels –0.6 V to 2.4 V)
Read Cycle Timing Diagram
Switching Specifications
(over operating temperature range and V
CC=4.5 V)
Symbol
Description
Min.
Units Symbol
Description
Min.
Units
T
acc
Display Access Time—Write
210
ns
T
dh
Data Write Time
20
ns
T
acc
Display Access Time—Read
230
ns
T
r
Chip Enable Active Prior to Valid Data
160
ns
T
acs
Address Setup Time to CE
10
ns
T
rd
Read Active Prior to Valid Data
95
µs
T
ce
Chip Enable Active Time—Write
140
ns
T
df
Read Data Float Delay
10
ns
T
ce
Chip Enable Active Time—Read
160
ns
T
rc
Reset Active Time
300
ns
T
ach
Address Hold Time to CE
20
ns
T
w
Write Active Time
100
ns
T
ces
Chip Enable Active Prior to
Rising Edge—Write
140
ns
T
wd
Data Valid Prior to
Rising Edge of Write Signal
50
ns
T
ces
Chip Enable Active Prior to
Rising Edge—Read
160
ns
T
ceh
Chip Enable Hold to Rising Edge of
Read/Write Signal
0
ns
T
cer
Chip Enable Recovery Time
60
ns
Tacc
Twd
Tdh
Tw
Tces
Tcer
Tceh
Tacs
Tach
Tacs
A0-A3
FL
Tce
CE
WR
D0-D7
Input pulse levels —0.6 V to 2.4 v
Tacc
Trd
Tdf
Tr
Tces
Tcer
Tceh
Tacs
Tach
Tacs
A0-A3
FL
Tce
CE
RD
D0-D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com