Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDP2114S Datasheet(PDF) 3 Page - OSRAM GmbH

Part # HSDP2114S
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2114S Datasheet(HTML) 3 Page - OSRAM GmbH

  HSDP2114S Datasheet HTML 1Page - OSRAM GmbH HSDP2114S Datasheet HTML 2Page - OSRAM GmbH HSDP2114S Datasheet HTML 3Page - OSRAM GmbH HSDP2114S Datasheet HTML 4Page - OSRAM GmbH HSDP2114S Datasheet HTML 5Page - OSRAM GmbH HSDP2114S Datasheet HTML 6Page - OSRAM GmbH HSDP2114S Datasheet HTML 7Page - OSRAM GmbH HSDP2114S Datasheet HTML 8Page - OSRAM GmbH HSDP2114S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
3
Maximum Ratings at 25°C
Parameter
Symbol
Value
Unit
Operating temperature range
T
op
– 40 … + 85
°C
Storage temperature range
T
stg
– 40 … + 100
°C
DC Supply Voltage,
V
CC to GND
(max. voltage with no LEDs on)
V
CC
-0.3 to + 7.0
V
Input Voltage Levels
All inputs
-0.3 to
V
CC +0.3
V
Operating Voltage,
V
CC to GND
(max. voltage with 20 dots/digits on)
+ 5.5
V
Solder temperature 063“ (1.59 mm)
below seating plane, t < 5.0 s
T
S
260
°C
Relative Humidity at 85°C (non-condensing)
85
%
ESD (100 pF, 1.5 k
Ω), each pin
V
Z
4.0
kV
Optical Characteristics at 25°C
(V
LL=VCC=5.0 V at 100% brightness level, viewing angle: X axis ± 55°, Y axis ± 65°)
Description
Symbol
Values
Unit
Peak Luminous Intensity
(min.)
(typ.)
I
Vpeak
70
90
130
210
150
330
150
260
200
510
150
270
µcd/dot
µcd/dot
Peak Wavelength
(typ.)
λ
peak
660
583
630
565
568
610
nm
Dominant Wavelength
(typ.)
λ
dom
639
585
620
570
574
604
nm
Note:
1)
Peak luminous intensity is measured at T
A=TJ=25°C. No time is allowed for the device to warm up prior to measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com