Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU28141G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UU28141G-AG6-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU28141G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UU28141G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UU28141
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R125-040.B
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
VIN
-0.3 ~ 6
V
SW Pin Voltage
VSW
-0.3 ~ 33
V
OVP Pin Voltage
VOVP
-0.3 ~ 33
V
EN, FB Pins Voltage
-0.3 ~ VIN+0.3
V
Operating Junction Temperature
TOPR
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
2.5 ~ 5.5
V
Ambient Temperature
TA
-40 ~ +125
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction To Ambient
θJA
250
°C/W
Junction to Case
θJC
180
°C/W
Note: θJA is measured with the PCB copper are (need connect to GND of the UTC UU28141) of approximately 1 in
2
(Multi-layer).
ELECTRICAL CHARACTERISTICS (VIN=5V, VEN=5V, IOUT=20mA, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage Range
VIN
2.5
5.5
V
Input UVLO
UVLO
Rising
2.25
2.45
V
UVLO Hysteresis
0.1
V
OVP Sense Voltage
VOV
27.5
29
V
Quiescent Current
ICCQ
VFB=0.5V, IOUT=0mA
200
400
μA
Supply Current
IIN
VFB=0V, Switching
1
2
mA
Shutdown Current
ISD
VEN=0V, TEN>20mS
1
4
μA
FB Pin Voltage
VFB
0.285 0.300 0.315
V
FB Pin Current
IFB
±100
nA
Load Regulation
1mA<IOUT<20mA
1
%
Line Regulation
3V<VIN<4.3V
1
%
EN Pin Voltage High
VENH
1.4
V
EN Pin Voltage Low
VENL
0.4
V
EN Hysteresis
0.1
V
EN Pin Sink Current
IIH
1
μA
Switching Frequency
FOSC
0.75
1
1.25
MHz
CL
1.4
A
N-Channel MOSFET Current Limit (Note)
CL
Duty on 50%
1.9
A
Switching Maximum Duty
DMAX
92
%
Dimming Clock Rate
0.2
200
KHz
N-Switch RDS (ON)
RDS(ON)-N VIN=3.6V
0.5
1.0
Thermal Shutdown
TSD
155
°C
Thermal Shutdown Protection Hysteresis
TSH
25
°C
Note: Guaranteed by design.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com