Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU28141G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU28141G-AG6-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU28141G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU28141G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU28141
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-040.B
1.4A BOOST FOR WHITE LED
DRIVER
DESCRIPTION
The UTC UU28141 is a high frequency, asynchronous boost
converter. The internal MOSFET can support up to 8 White LEDs
for backlighting and OLED power application, and the internal soft
start function can reduce the inrush current.
The UTC UU28141 uses current mode, 1.0MHz fixed frequency
architecture to regulate the LED current, which is set through an
external current sense resistor. Its low 300mV feedback voltage
reduces power loss and improves efficiency. The OVP pin monitors
the output voltage and turns off the converter if an over-voltage
condition is present due to an open circuit condition. The UTC
UU28141
includes under-voltage lockout, current limiting and
thermal shutdown protection preventing damage in the event of an
output overload.
FEATURES
* 2.5V~5.5V operating input voltage range
* Drives up to 8 series White LEDs
* 1.0MHz Fixed Switching Frequency
* Wide range for PWM dimming (200Hz~200KHz)
* Internal 1.4A switching current limit
* Over Voltage Protection (OVP)
* Internal Soft-start Function
* Current limit and Thermal shutdown protection
* Under voltage Lockout
ORDERING INFORMATION
Ordering Number
Package
Packing
UU28141G-AG6-R
SOT-26
Tape Reel
MARKING


Similar Part No. - UU28141G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU28121G-AF5-R UTC-UU28121G-AF5-R Datasheet
238Kb / 6P
CMOS IC
More results

Similar Description - UU28141G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com