Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU28141G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UU28141G-AG6-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU28141G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UU28141G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UU28141G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UU28141
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-040.B
FUNCTION DESCRIPTION
Setting the ILED Current
Application circuit item shows the basic application circuit with UTC UU28141 adjustable output version. The
external resistor sets the LED output current according to the following equation:
ILED
REST
20mA
15Ω
6mW
350mA
0.857Ω
105mW
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is included that disables the
device, if the input voltage falls below (2.25V~100mV).
Over Voltage Protection
OVP measure the output voltage for open circuit protection. Connect OVP pin to the output at the top of the LED
string. If VOUT above 36V, the OVP protection is happened that stops the internal driver until VOUT below 36V.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high frequency
switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must be used.
Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small
temperature coefficients. A 2.2uf ceramic capacitor for most applications is sufficient. For a lower output power
requirement application, this value can be decreased.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop stability. The
output capacitor must have low impedance at the switching frequency. Ceramic capacitors with X5R or X7R
dielectrics are recommended due to their low ESR and high ripple current. A 1uF ceramic capacitors works for most
of the applications. Higher capacitor values can be used to improve the load transient response.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com