Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU97950G-P48-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UU97950G-P48-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU97950G-P48-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UU97950G-P48-R Datasheet HTML 1Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 2Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 3Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
UU97950
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 14
www.unisonic.com.tw
QW-R125-048.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply
VDD
-0.5 ~ +7
V
Power Supply for LCD driving
VLCD
-0.5 ~ +7
V
Input voltage range
VIN
-0.5 ~ VDD+0.5
V
Operation temperature
TOPR
-40 ~ +85
°C
Storage temperature range
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
STANDARD (RECOMMENDED) OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Supply
VDD
2.5
5.5
V
Power Supply for LCD dirving
VLCD
2.5
5.5
V
Operating Temperature Range
TOPR
-40
+85
°C
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD=2.5 ~ 5.5V, VLCD=2.5 ~ 5.5V, VSS=0V, TA=-40 ~ 85°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
“H” level input voltage
VIH
SDA SCL
0.7×VDD
VDD
V
“L” level input voltage
VIL
SDA SCL
VSS
0.3×VDD
V
Standby current
IST
Display off Oscillation off
5
uA
Power consumption1
IDD
VDD=3.3V, VLCD=5V, TA=25°C,
Power save mode1, FR=80Hz,
1/4 Bias, Frame inverse
2.5
uA
Power consumption2
ILCD
VDD=3.3V, VLCD=5V, TA=25°C,
Power save mode1, FR=80Hz,
1/4 Bias, Frame inverse
10
uA
Frame frequency
fclk
VDD=3.3V
80
Hz
SCL cycle time
tscl
2.5
us
SEG
3.5
KΩ
LCD Driver on resistance
COM
RON
ILOAD=±10uA
3.5
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com