Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU97950G-P48-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UU97950G-P48-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU97950G-P48-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UU97950G-P48-R Datasheet HTML 3Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 9Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 10Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UU97950
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 14
www.unisonic.com.tw
QW-R125-048.a
FUNCTION DESCRIPTIONS (Cont.)
Read Command Register and Transfer Method
The Command Registers can be read during read mode. The sequence for the command register read is
shown below.
S
0 1 1 1 1 1 0
A
1 ADSET
A
Slave address
R/W
Command
0
S
0 1 1 1 1 1 0
R/W
1
A
Data
A
P
Slave address
The command register addresses are described in 6. Command Description (ADSET command). The following
register settings can be read in this mode.
Register
D7
D6
D5
D4
D3
D2
D1
D0
Address
REG1
0
0
P5
P4
P3
P2
P1
P0
23h
REG2
P7
P6
P5
P4
P3
P2
P1
P0
24h
REG1: P5= Software reset condition
P4 to P0 = EVR setting
REG2: P7 to P6 = Frame Frequency (FR) setting
P5 to P4 = Power Save Mode (SR) setting
P3 = LCD drive waveform setting
P2 = Display ON/ OFF setting
P1= APON setting
P0 = APOFF setting
LCD Driver Bias Circuit
This device generates LCD driving voltage with on-chip Buffer AMP
And it can drive LCD at low power consumption.
Line and frame inversion set in DISCTL command.
Refer to the LCD driving waveform about each LCD diving waveform
Reset initialize condition
Initial condition after execute Software Reset is as follows.
Display OFF.
DDRAM address is initialized
Refer to Command Description about initialize value of register.
COMMAND / FUCTION LIST
Description List of Command / Function
Command
Function
1
Address set(ADSET)
DDRAM address setting(00-22h)
2
EVR set (EVRSET)
EVR setting(0-31)
3
Display Control(DISCTL)
Frame Frequency, Power save mode setting
4
IC operation set (ICSET)
LCD drive mode,software reset, display on/off
5
All pixel Control(APCTL)
All pixel control during display ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com