Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU97950G-P48-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UU97950G-P48-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU97950G-P48-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UU97950G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 9Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 10Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 11Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 12Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 13Page - Unisonic Technologies UU97950G-P48-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
UU97950
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 14
www.unisonic.com.tw
QW-R125-048.a
DETAILED COMMAND DESCRIPTION (Cont.)
Display control (DISCTL)
D7(MSB)
D6
D5
D4
D3
D2
D1
D0(LSB)
C
1
1
0
P3
P2
P1
P0
Set Power mode FR
Power save mode FR
P3
P2
Reset initialize condition
Normal mode (80Hz)
0
0
○
Power save mode1 (71Hz)
0
1
Power save mode2 (64hz)
1
0
Power save mode3 (50Hz)
1
1
*Operation current decrease in
Normal mode > Power save mode1 > Power save mode2 > Power save mode3
Set Power mode SR
Power save mode SR
P3
P2
Reset initialize condition
Power save mode1
0
0
Power save mode2
0
1
Normal mode
1
0
○
High Power mode
1
1
*Operation current increase in order of
Power save mode1 < Power save mode2 < Normal mode < High power mode order
Set IC Operation (ICSET)
D7(MSB)
D6
D5
D4
D3
D2
D1
D0(LSB)
C
1
1
1
0
P2
P1
P0
Set LCD drive waveform
Set up
P2
Reset initialize condition
Line inversion mode
0
○
Frame inversion mode
1
Operation current: Line inversion > Frame inversion
Set Software Reset condition
Set up
P1
Reset initialize condition
No operation
0
○
Software reset
1
When “Software Reset” is executed, this device is reset to initial condition.
Software reset is asserted only once when P1 is set. Other settings can be set after this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com