Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL520 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PL520
Description  Green Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520 Datasheet(HTML) 2 Page - OSRAM GmbH

  PL520 Datasheet HTML 1Page - OSRAM GmbH PL520 Datasheet HTML 2Page - OSRAM GmbH PL520 Datasheet HTML 3Page - OSRAM GmbH PL520 Datasheet HTML 4Page - OSRAM GmbH PL520 Datasheet HTML 5Page - OSRAM GmbH PL520 Datasheet HTML 6Page - OSRAM GmbH PL520 Datasheet HTML 7Page - OSRAM GmbH PL520 Datasheet HTML 8Page - OSRAM GmbH PL520 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
28.05.2015
2
Version 1.0
PL 520
Ordering Information
Bestellinformation
Maximum Ratings
Operation outside these conditions may damage the device
Grenzwerte
Betrieb außerhalb dieser Bedingungen kann das Bauteil schädigen
Type:
Optical Output Power
Ordering Code
Typ:
Optische Ausgangsleistung
Bestellnummer
P
opt (T
case = 25°C)
PL 520_B1
50 mW
Q65111A2445
PL 520_B2
30 mW
Q65111A3559
Parameter
Bezeichnung
Symbol
Symbol
Values
Werte
Unit
Einheit
min
max
Operating Current
1)
Betriebsstrom
1)
1)
Operation at maximum ratings may influence the life time.
Der Betrieb bei den Grenzwerten beeinflusst die Lebensdauer.
I
F
200
mA
Operating Temperature
1)
Betriebstemperatur
1)
T
case
- 20
+ 60
°C
Storage Temperature
Lagertemperatur
T
stg
- 40
+ 85
°C
Reverse Voltage
Sperrspannung
V
R
2V
Soldering Temperature max. 10 sec.
Löttemperatur max. 10 sec.
T
solder
260
°C
Junction temperature
1)
Sperrschichttemperatur
1)
T
j
120
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com