Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL520 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PL520
Description  Green Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520 Datasheet(HTML) 3 Page - OSRAM GmbH

  PL520 Datasheet HTML 1Page - OSRAM GmbH PL520 Datasheet HTML 2Page - OSRAM GmbH PL520 Datasheet HTML 3Page - OSRAM GmbH PL520 Datasheet HTML 4Page - OSRAM GmbH PL520 Datasheet HTML 5Page - OSRAM GmbH PL520 Datasheet HTML 6Page - OSRAM GmbH PL520 Datasheet HTML 7Page - OSRAM GmbH PL520 Datasheet HTML 8Page - OSRAM GmbH PL520 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.0
PL 520
28.05.2015
3
Laser Characteristics (
T
case = 25 °C)
Laser Kennwerte (
T
Gehäuse = 25 °C)
Parameter
Bezeichnung
Symbol
Symbol
Values
Werte
Unit
Einheit
min.
typ.
max.
Emission Wavelength
1)
Emissionswellenlänge
1)
1)
Standard operating conditions refer to a continuous wave output power of
P
opt = 50 mW (B1) and Popt = 30 mW (B2).
Standardbetriebsbedingungen beziehen sich auf
P
opt = 50 mW (B1) und Popt = 30 mW (B2) Ausgangsleistung im
Dauerstrich-Betrieb.
B1
B2
peak
515
510
520
515
530
530
nm
nm
Spectral Width (FWHM)
1)
Spektrale Breite (Halbwertsbreite)
1)
–2
–nm
Threshold Current
Schwellstrom
B1
B2
Ith
–45
50
75
75
mA
mA
Operating Current
1)
Betriebsstrom
1)
B1
B2
I
F
–
125
100
160
140
mA
mA
Operating Voltage
1)
Betriebsspannung
1)
B1
B2
V
F
–6.9
6.5
8.0
8.0
V
V
Beam Divergence (FWHM)
1)
Strahldivergenz (FWHM)
1)

5x19
7x22
9x25
deg
Polarization
1)
Polarisation
1)
P
gr
–
100:1
–
Modulation Frequency
Modulationsfrequenz
f
–>100
–
MHz
Thermal resistance (junction to case)
Thermischer Widerstand
(pn-Übergang zu Gehäuse)
R
th
–38
–
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com