Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL520 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PL520
Description  Green Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520 Datasheet(HTML) 4 Page - OSRAM GmbH

  PL520 Datasheet HTML 1Page - OSRAM GmbH PL520 Datasheet HTML 2Page - OSRAM GmbH PL520 Datasheet HTML 3Page - OSRAM GmbH PL520 Datasheet HTML 4Page - OSRAM GmbH PL520 Datasheet HTML 5Page - OSRAM GmbH PL520 Datasheet HTML 6Page - OSRAM GmbH PL520 Datasheet HTML 7Page - OSRAM GmbH PL520 Datasheet HTML 8Page - OSRAM GmbH PL520 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
28.05.2015
4
Version 1.0
PL 520
Optical Output Power (B1)
Typische Ausgangsleistung (B1)
Popt = f (IF)
Optical Output Power (B2)
Typische Ausgangsleistung (B2)
Popt = f (IF)
Operating Voltage (B1)
Betriebsspannung (B1)
VF = f (IF)
Operating Voltage (B2)
Betriebsspannung (B2)
VF = f (IF)
0
50
100
150
200
0
10
20
30
40
50
60
I
F
[mA]
T
case
=0°C
T
case
=40°C
T
case
=60°C
T
case
=20°C
0
50
100
150
0
10
20
30
40
I
F
[mA]
T
case
=0°C
T
case
=40°C
T
case
=60°C
T
case
=20°C
0
50
100
150
200
0,0
2,0
4,0
6,0
8,0
I
F
[mA]
T
case
=0°C
T
case
=60°C
T
case
=40°C
T
case
=20°C
0
50
100
150
200
0,0
2,0
4,0
6,0
8,0
T
case
=0°C
T
case
=60°C
T
case
=40°C
I
F
[mA]
T
case
=20°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com