Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5542P Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SCDQ5542P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5542P Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SCDQ5542P Datasheet HTML 3Page - OSRAM GmbH SCDQ5542P Datasheet HTML 4Page - OSRAM GmbH SCDQ5542P Datasheet HTML 5Page - OSRAM GmbH SCDQ5542P Datasheet HTML 6Page - OSRAM GmbH SCDQ5542P Datasheet HTML 7Page - OSRAM GmbH SCDQ5542P Datasheet HTML 8Page - OSRAM GmbH SCDQ5542P Datasheet HTML 9Page - OSRAM GmbH SCDQ5542P Datasheet HTML 10Page - OSRAM GmbH SCDQ5542P Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
2010-04-13
7
Dot Matrix Format
Suggested Display Mounting
SIP PAckage
Operation of the SCDQ554XX
The SCDQ554XX display consists of a CMOS IC containing con-
trol logic and drivers for four 5 x 5 characters. These components
are assembled in a compact plastic package.
Individual LED dot addressablity allows the user great freedom in
creating special characters or mini-icons. The User Definable
Character Set examples illustrate 200 different character and sym-
bol possibilities. Each example has the hexadecimal code required
to display characters in a horizontal or vertical format. See Figures
above, Suggested Display Mounting, for the display positioning.
Generally, the contacts should be on the right side of the display
for the vertical format and on the top of the display for the horizon-
tal format.
Character Address, Row, & Column Data Map
1. Viewed from the LED side of the display with the display in a
horizontal position.
2. The row address and column data are typical for all character posi-
tions. The LED is on when the data bit = 1 and off when the data
bit = 0.
Suggested Display Mounting
90° SIP Connector / Header Packages
The serial data interface provides a highly efficient interconnection
between the display and the mother board. The SCDQ554XX
requires only three input lines as compared to 15 for an equivalent
four character parallel input part.
The on-board CMOS IC is the electronic heart of the display. The
IC accepts decoded serial data, which is stored in the internal
RAM. Asynchronously the RAM is read by the character multi-
plexer at a strobe rate that results in a flicker free display. shows
the three functional areas of the IC. These include: the input serial
data register and control logic, a 100 bits two port RAM, and an
internal multiplexer/display driver.
IDOD5012
3.4 (0.134)
0.79 (0.031)
IDPA5101
PCB
at the top of the display
Pins/Conector located
Pins/Conector located
at the top of the display
SIP Package
IDPA5106
Char
0
Char
1
Char
2
Char
3
Pins/Conector located
at the top of the display
Col3(D3)
Col4(D4)
Col2(D2)
Col1(D1)
Col0(D0)
Rw3
Rw2
Rw1
Rw0
Rw4
IDPA5102
PCB
PCB
90˚ SIP Connector/Header Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com