Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5542P Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SCDQ5542P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5542P Datasheet(HTML) 3 Page - OSRAM GmbH

  SCDQ5542P Datasheet HTML 1Page - OSRAM GmbH SCDQ5542P Datasheet HTML 2Page - OSRAM GmbH SCDQ5542P Datasheet HTML 3Page - OSRAM GmbH SCDQ5542P Datasheet HTML 4Page - OSRAM GmbH SCDQ5542P Datasheet HTML 5Page - OSRAM GmbH SCDQ5542P Datasheet HTML 6Page - OSRAM GmbH SCDQ5542P Datasheet HTML 7Page - OSRAM GmbH SCDQ5542P Datasheet HTML 8Page - OSRAM GmbH SCDQ5542P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
2010-04-13
3
Maximum Ratings
Operation in excess of any of these conditions may result in permanent damage to this device (T
A = 25°C)
Parameter
Symbol
Value
Unit
Operating temperature range
T
op
– 40 … + 85
°C
Storage temperature range
T
stg
– 40 … + 100
°C
Supply Voltage V
CC to GND (non-operating)
V
CC
-0.5 to + 7.0
V
Input Voltage, any Pin to GND
-0.5 to V
CC to 5.5
V
Solder Temperature, Connector only
1.59 mm (0.063“) below seating plane, t < 5.0 s
T
S
260
°C
Relative Humidity (non-condensing)
85
%
ESD (100 pF, 1.5 k
Ω)
V
Z
2.0
kV
Input Current
± 100
mA
Power Dissipation at 85°C
0.65
W
Optical Characteristics at 25°C
(V
CC=5.0 V at 100% brightness level, viewing angle: X axis ± 55°, Y axis ± 65°)
Description
Symbol
Values
Unit
Luminous Intensity
(min.)
Character Average (#displayed all digits) (typ.)
I
Vpeak
1.8
5.4
1.8
5.4
1.8
5.4
2.1
6.4
mcd
mcd
Peak Wavelength
(typ.)
λ
peak
583
630
565
568
nm
Dominant Wavelength
(typ.)
λ
dom
585
620
570
574
nm
Notes:
1.
Dot to dot intensity matching at 100% brightness is 1.8:1.
2.
Displays are binned for hue at 2.0 nm intervals.
3.
Displays within a given intensity category have an intensity matching of 1.5:1 (max.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com