Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5542P Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SCDQ5542P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5542P Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SCDQ5542P Datasheet HTML 5Page - OSRAM GmbH SCDQ5542P Datasheet HTML 6Page - OSRAM GmbH SCDQ5542P Datasheet HTML 7Page - OSRAM GmbH SCDQ5542P Datasheet HTML 8Page - OSRAM GmbH SCDQ5542P Datasheet HTML 9Page - OSRAM GmbH SCDQ5542P Datasheet HTML 10Page - OSRAM GmbH SCDQ5542P Datasheet HTML 11Page - OSRAM GmbH SCDQ5542P Datasheet HTML 12Page - OSRAM GmbH SCDQ5542P Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
2010-04-13
9
The Character Address bits, D4–D0 stored in the Character
Address Register and the Column Data Instruction’s Row Address
bits, D7–D5, direct the Column Data bits, D4–D0 to specific RAM
location. See the Instruction Set Table for address and data format.
Figure „Writing Character ’D’ Example“ (page 9) shows the Row
Address for the example character “D” See Figure „Character
Address, Row, & Column Data Map“ (page 7) for the dot
positioning (Display contacts are at the top of the display).
Column data is written and read asynchronously from the 200 bit
RAM. Once loaded the internal oscillator and character multiplexer
reads the data from the RAM. These characters are row strobed
with column data as shown in Figure „Row Strobe Example“
(page 10). The character strobe rate is determined by the internal
IC’s÷320 counter.
Row and Column Locations for a Character “D”
Instruction Set
OPERATION
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
HEX
DESCRIPTION
CONTROL WORD
1
1
1
1
L
T
B
r
B
r
B
r
F0+X
Select Control Word plus
operand
See Control Word Format
Power Down Mode
1
1
1
1
1
1
1
1
FF
Power Down Mode–0%
Brightness
SFT CLEAR
1
1
0
0
0
0
0
0
C0
Software Clear
ADDRESS
1
0
1
0
0
0
0
0
A0
Select Digit Address 0
REGISTER
1
0
1
0
0
0
0
1
A1
Select Digit Address 1
CHR ADRS
1
0
1
0
0
0
1
0
A2
Select Digit Address 2
0–3
1
0
1
0
0
0
1
1
A3
Select Digit Address 3
COLUMN DATA
0
0
0
D
4
D
3
D
2
D
1
D
0
00+X
Row 0
D4–D0=Column Data
0
0
1
D
4
D
3
D
2
D
1
D
0
20+X
Row 1
D4–D0=Column Data
0
1
0
D
4
D
3
D
2
D
1
D
0
40+X
Row 2
D4–D0=Column Data
0
1
1
D
4
D
3
D
2
D
1
D
0
60+X
Row 3
D4–D0=Column Data
1
0
0
D
4
D
3
D
2
D
1
D
0
80+X
Row 4
D4–D0=Column Data
Row data is written to the character address contained in the Character Address Register.
Writing Character “D” Example
Op code
D7
D6
D5
Column Data
D4
D3
D2
D1
D0
C0
C1
C2
C3
C4
Hex
Row 0
00
0
11
1
1
0
1E
Row 1
00
1
10
0
0
1
31
Row 2
01
0
10
0
0
1
51
Row 3
01
1
10
0
0
1
71
Row 4
10
0
11
1
1
0
9E
IDXX5181
Row 0
Row 1
Row 2
Row 3
Row 4
01
2
3
4
Previously "on" LED
On LED
Off LED
Columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com