Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4783 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4783
Description  Narrow beam LED in Dragon Dome package (850nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4783 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4783 Datasheet HTML 1Page - OSRAM GmbH SFH4783 Datasheet HTML 2Page - OSRAM GmbH SFH4783 Datasheet HTML 3Page - OSRAM GmbH SFH4783 Datasheet HTML 4Page - OSRAM GmbH SFH4783 Datasheet HTML 5Page - OSRAM GmbH SFH4783 Datasheet HTML 6Page - OSRAM GmbH SFH4783 Datasheet HTML 7Page - OSRAM GmbH SFH4783 Datasheet HTML 8Page - OSRAM GmbH SFH4783 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.4
SFH 4783
2015-01-27
3
Characteristics (T
A = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Peak wavelength
Emissionswellenlänge
(I
F = 1 A, tp = 10 ms)
(typ)
λ
peak
860
nm
Centroid Wavelength
Schwerpunktwellenlänge
(I
F = 1 A, tp = 10 ms)
(typ)
λ
centroid
850
nm
Spectral bandwidth at 50% of I
max
Spektrale Bandbreite bei 50% von I
max
(I
F = 1 A, tp = 10 ms)
(typ)
∆λ
30
nm
Half angle
Halbwinkel
(typ)
ϕ
± 12
°
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
(typ)
L x W
1 x 1
mm x
mm
Rise and fall times of I
e ( 10% and 90% of Ie max)
Schaltzeiten von I
e ( 10% und 90% von Ie max)
(I
F = 2 A, RL = 50 Ω)
(typ)
t
r / tf
11/14
ns
Forward voltage
Durchlassspannung
(I
F = 1 A, tp = 100 µs)
(typ (max)) V
F
1.65 (≤ 2.1)
V
Forward voltage
Durchlassspannung
(I
F = 2 A, tp = 100 μs)
(typ (max)) V
F
1.9 (≤ 2.5)
V
Total radiant flux
Gesamtstrahlungsfluss
(I
F = 1A, tp = 100 µs)
(typ)
Φ
e
430
mW
Temperature coefficient of I
e or Φe
Temperaturkoeffizient von I
e bzw. Φe
(I
F = 1 A, tp = 10 ms)
(typ)
TC
I
-0.3
% / K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(I
F = 1 A, tp = 10 ms)
(typ)
TC
V
-1
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(I
F = 1 A, tp = 10 ms)
(typ)
TC
λ
0.3
nm / K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com