Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4783 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4783
Description  Narrow beam LED in Dragon Dome package (850nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4783 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4783 Datasheet HTML 1Page - OSRAM GmbH SFH4783 Datasheet HTML 2Page - OSRAM GmbH SFH4783 Datasheet HTML 3Page - OSRAM GmbH SFH4783 Datasheet HTML 4Page - OSRAM GmbH SFH4783 Datasheet HTML 5Page - OSRAM GmbH SFH4783 Datasheet HTML 6Page - OSRAM GmbH SFH4783 Datasheet HTML 7Page - OSRAM GmbH SFH4783 Datasheet HTML 8Page - OSRAM GmbH SFH4783 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-01-27
1
2015-01-27
Narrow beam LED in Dragon Dome package (850nm)
Engwinklige LED im Dragon Dome Gehäuse (850 nm)
Version 1.4
SFH 4783
Features:
Besondere Merkmale:
• IR lightsource with high efficiency
•
IR-Lichtquelle mit hohem Wirkungsgrad
• Low thermal resistance (Max. 11 K/W)
•
Niedriger Wärmewiderstand (Max. 11 K/W)
• Centroid wavelength 850 nm
•
Schwerpunktwellenlänge 850 nm
• ESD safe up to 2 kV acc. to ANSI/ESDA/JEDEC
JS-001-HBM, Class 2
•
ESD sicher bis 2 kV nach ANSI/ESDA/JEDEC
JS-001- HBM, Klasse 2
• Narrow half angle (+/- 12°)
•
Enger Abstrahlwinkel (+/- 12°)
Applications
Anwendungen
• Infrared Illumination for cameras
•
Infrarotbeleuchtung für Kameras
• Machine vision systems
•
Beleuchtung für Bilderkennungssysteme
• Surveillance systems
•
Überwachungssysteme
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4783

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4780S OSRAM-SFH4780S Datasheet
454Kb / 13P
IR OSLUX (810nm) - 20
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
IR OSLUX
More results

Similar Description - SFH4783

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4655 OSRAM-SFH4655 Datasheet
465Kb / 13P
Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
Narrow beam LED in MIDLED package
SFH-4650 OSRAM-SFH-4650 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4685 OSRAM-SFH-4685 Datasheet
314Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com